Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega325P Datasheet(PDF) 58 Page - ATMEL Corporation

Part # ATmega325P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega325P Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATmega325P Datasheet HTML 54Page - ATMEL Corporation ATmega325P Datasheet HTML 55Page - ATMEL Corporation ATmega325P Datasheet HTML 56Page - ATMEL Corporation ATmega325P Datasheet HTML 57Page - ATMEL Corporation ATmega325P Datasheet HTML 58Page - ATMEL Corporation ATmega325P Datasheet HTML 59Page - ATMEL Corporation ATmega325P Datasheet HTML 60Page - ATMEL Corporation ATmega325P Datasheet HTML 61Page - ATMEL Corporation ATmega325P Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 364 page
background image
58
8023F–AVR–07/09
ATmega325P/3250P
12. External Interrupts
12.1
Overview
The External Interrupts are triggered by the INT0 pin or any of the PCINT30:0 pins
(2). Observe
that, if enabled, the interrupts will trigger even if the INT0 or PCINT30:0 pins are configured as
outputs. This feature provides a way of generating a software interrupt. The pin change interrupt
PCI1 will trigger if any enabled PCINT15:8 pin toggles. Pin change interrupts PCI0 will trigger if
any enabled PCINT7:0 pin toggles. The PCMSK3
(1), PCMSK2(1), PCMSK1, and PCMSK0 Reg-
isters control which pins contribute to the pin change interrupts. Pin change interrupts on
PCINT30:0 are detected asynchronously. This implies that these interrupts can be used for wak-
ing the part also from sleep modes other than Idle mode.
The INT0 interrupts can be triggered by a falling or rising edge or a low level. This is set up as
indicated in the specification for the ”EICRA – External Interrupt Control Register A” on page 59.
When the INT0 interrupt is enabled and is configured as level triggered, the interrupt will trigger
as long as the pin is held low. Note that recognition of falling or rising edge interrupts on INT0
requires the presence of an I/O clock, described in ”Clock Systems and their Distribution” on
page 29. Low level interrupt on INT0 is detected asynchronously. This implies that this interrupt
can be used for waking the part also from sleep modes other than Idle mode. The I/O clock is
halted in all sleep modes except Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-down, the required level
must be held long enough for the MCU to complete the wake-up to trigger the level interrupt. If
the level disappears before the end of the Start-up Time, the MCU will still wake up, but no inter-
rupt will be generated. The start-up time is defined by the SUT and CKSEL Fuses as described
in ”System Clock and Clock Options” on page 29.
Notes:
1. PCMSK3 and PCMSK2 are only present in ATmega3250P.
2. PCINT30:16 are only present in ATmega3250P. Only PCINT15:0 are present in ATmega325P.
See ”Pin Configurations” on page 2 and ”Register Description” on page 59 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com