Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega325P Datasheet(PDF) 254 Page - ATMEL Corporation

Part # ATmega325P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega325P Datasheet(HTML) 254 Page - ATMEL Corporation

Back Button ATmega325P Datasheet HTML 250Page - ATMEL Corporation ATmega325P Datasheet HTML 251Page - ATMEL Corporation ATmega325P Datasheet HTML 252Page - ATMEL Corporation ATmega325P Datasheet HTML 253Page - ATMEL Corporation ATmega325P Datasheet HTML 254Page - ATMEL Corporation ATmega325P Datasheet HTML 255Page - ATMEL Corporation ATmega325P Datasheet HTML 256Page - ATMEL Corporation ATmega325P Datasheet HTML 257Page - ATMEL Corporation ATmega325P Datasheet HTML 258Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 364 page
background image
254
8023F–AVR–07/09
ATmega325P/3250P
Note:
1. PRIVATE_SIGNAL1 should always be scanned in as zero.
23.7
Boundary-scan Description Language Files
Boundary-scan Description Language (BSDL) files describe Boundary-scan capable devices in
a standard format used by automated test-generation software. The order and function of bits in
the Boundary-scan Data Register are included in this description. A BSDL file for
ATmega325P/3250P is available.
27
PA1.Pull-up_Enable
26
PA0.Data
25
PA0.Control
24
PA0.Pull-up_Enable
23
PH4.Data
Port H
22
PH4.Control
21
PH4.Pull-up_Enable
20
PH5.Data
19
PH5.Control
18
PH5.Pull-up_Enable
17
PH6.Data
16
PH6.Control
15
PH6.Pull-up_Enable
14
PH7.Data
13
PH7.Control
12
PH7.Pull-up_Enable
11
PF3.Data
Port F
10
PF3.Control
9
PF3.Pull-up_Enable
8PF2.Data
7
PF2.Control
6
PF2.Pull-up_Enable
5PF1.Data
4
PF1.Control
3
PF1.Pull-up_Enable
2PF0.Data
1
PF0.Control
0
PF0.Pull-up_Enable
Table 23-7.
ATmega3250P Boundary-scan Order, 100-pin (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com