Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega325P Datasheet(PDF) 268 Page - ATMEL Corporation

Part # ATmega325P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega325P Datasheet(HTML) 268 Page - ATMEL Corporation

Back Button ATmega325P Datasheet HTML 264Page - ATMEL Corporation ATmega325P Datasheet HTML 265Page - ATMEL Corporation ATmega325P Datasheet HTML 266Page - ATMEL Corporation ATmega325P Datasheet HTML 267Page - ATMEL Corporation ATmega325P Datasheet HTML 268Page - ATMEL Corporation ATmega325P Datasheet HTML 269Page - ATMEL Corporation ATmega325P Datasheet HTML 270Page - ATMEL Corporation ATmega325P Datasheet HTML 271Page - ATMEL Corporation ATmega325P Datasheet HTML 272Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 364 page
background image
268
8023F–AVR–07/09
ATmega325P/3250P
24.8.13
ATmega325P/3250P Boot Loader Parameters
In Table 24-6 through Table 24-8, the parameters used in the description of the Self-Programming are given.
Note:
1. The different BOOTSZ Fuse configurations are shown in Figure 24-2
Note:
1. For details about these two section, see ”NRWW – No Read-While-Write Section” on page 257 and ”RWW – Read-While-
Write Section” on page 257.
Note:
1. Z0: should be zero for all SPM commands, byte select for the LPM instruction. See ”Addressing the Flash During Self-Pro-
gramming” on page 261 for details about the use of Z-pointer during Self-Programming.
Table 24-6.
Boot Size Configuration
(1)
BOOTSZ1
BOOTSZ0
Boot Size
Pages
Application
Flash Section
Boot Loader
Flash Section
End
Application
Section
Boot Reset
Address
(Start
Boot Loader
Section)
1
1
256 words
4
0x0000-0x3EFF
0x3F00-0x3FFF
0x3EFF
0x3F00
1
0
512 words
8
0x0000-0x3DFF
0x3E00-0x3FFF
0x3DFF
0x3E00
0
1
1024/ words
16
0x0000-0x3BFF
0x3C00-0x3FFF
0x3BFF
0x3C00
0
0
2048 words
32
0x0000-0x37FF
0x3800-0x3FFF
0x37FF
0x3800
Table 24-7.
Read-While-Write Limit
(1)
Section
Pages
Address
Read-While-Write section (RWW)
224
0x0000 - 0x37FF
No Read-While-Write section (NRWW)
32
0x3800 - 0x3FFF
Table 24-8.
Explanation of different variables used in Figure 24-3 and the mapping to the Z-pointer
(1)
Variable
Corresponding
Z-value
Description
PCMSB
13
Most significant bit in the Program Counter. (Program Counter is 14 bits
PC[13:0])
PAGEMSB
5
Most significant bit which is used to address the words within one page
(64 words in a page requires six/seven bits PC [5:0]).
ZPCMSB
Z14
Bit in Z-register that is mapped to PCMSB. Because Z0 is not used, the
ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z6
Bit in Z-register that is mapped to PCMSB. Because Z0 is not used, the
ZPAGEMSB equals PAGEMSB + 1.
PCPAGE
PC[13:6]
Z14:Z7
Program Counter page address: Page select, for Page Erase and Page
Write
PCWORD
PC[5:0]
Z6:Z1
Program Counter word address: Word select, for filling temporary buffer
(must be zero during Page Write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com