Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 99Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 100Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 101Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 102Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 103Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 104Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 105Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 106Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 174 page
background image
103
8126D–AVR–11/09
ATtiny13A
17. Memory Programming
This section describes how ATtiny13A memories can be programmed.
17.1 Program And Data Memory Lock Bits
ATtiny13A provides two lock bits which can be left unprogrammed (“1”) or can be programmed
(“0”) to obtain the additional security listed in Table 17-2 on page 103. The lock bits can be
erased to “1” with the Chip Erase command, only.
Program memory can be read out via the debugWIRE interface when the DWEN fuse is pro-
grammed, even if the lock bits are set. Thus, when lock bit security is required, debugWIRE
should always be disabled by clearing the DWEN fuse.
Note:
1. “1” means unprogrammed, “0” means programmed
Notes: 1. Program fuse bits before lock bits. See section “Fuse Bytes” on page 104.
2. “1” means unprogrammed, “0” means programmed
Table 17-1.
Lock Bit Byte
Lock Bit Byte
Bit No
Description
Default Value (1)
7
–
1 (unprogrammed)
6
–
1 (unprogrammed)
5
–
1 (unprogrammed)
4
–
1 (unprogrammed)
3
–
1 (unprogrammed)
2
–
1 (unprogrammed)
LB2
1
Lock bit
1 (unprogrammed)
LB1
0
Lock bit
1 (unprogrammed)
Table 17-2.
Lock Bit Protection Modes
Memory Lock Bits (1) (2)
Protection Type
LB Mode
LB2
LB1
1
1
1
No memory lock features enabled.
21
0
Further programming of the Flash and EEPROM is disabled in
High-voltage and Serial Programming mode. Fuse bits are
locked in both Serial and High-voltage Programming mode.
debugWire is disabled.
30
0
Further programming and verification of the Flash and
EEPROM is disabled in High-voltage and Serial Programming
mode. Fuse bits are locked in both Serial and High-voltage
Programming mode. debugWire is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com