Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 104 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 100Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 101Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 102Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 103Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 104Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 105Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 106Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 107Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 174 page
background image
104
8126D–AVR–11/09
ATtiny13A
17.2 Fuse Bytes
The ATtiny13A has two fuse bytes. Table 17-3 on page 104 and Table 17-4 on page 104
describe briefly the functionality of all the fuses and how they are mapped into the fuse bytes.
Note that the fuses are read as logical zero, “0”, if they are programmed.
Notes: 1. Enables SPM instruction. See “Self-Programming the Flash” on page 98.
2. DWEN must be unprogrammed when lock Bit security is required. See “Program And Data
Memory Lock Bits” on page 103.
3. See Table 18-6 on page 120 for BODLEVEL fuse decoding.
4. See “Alternate Functions of Port B” on page 55 for description of RSTDISBL and DWEN fuses.
When programming the RSTDISBL fuse, High-voltage Serial programming has to be used to
change fuses to perform further programming.
Notes: 1. The SPIEN fuse is not accessible in SPI Programming mode.
2. Programming this fues will disable the Watchdog Timer Interrupt. See “Watchdog Timer” on
page 38 for details.
3. See “System Clock Prescaler” on page 26 for details.
4. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See Table 18-3 on page 119 for details.
5. The default setting of CKSEL1..0 results in internal RC Oscillator @ 9.6 MHz. See Table 18-3
on page 119 for details.
Table 17-3.
Fuse High Byte
Fuse Bit
Bit No
Description
Default Value
–
7
–
1 (unprogrammed)
–
6
–
1 (unprogrammed)
–
5
–
1 (unprogrammed)
SELFPRGEN(1)
4
Self Programming Enable
1 (unprogrammed)
DWEN(2)
3
debugWire Enable
1 (unprogrammed)
BODLEVEL1(3)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0(3)
1
Brown-out Detector trigger level
1 (unprogrammed)
RSTDISBL(4)
0
External Reset disable
1 (unprogrammed)
Table 17-4.
Fuse Low Byte
Fuse Bit
Bit No
Description
Default Value
SPIEN(1)
7
Enable Serial Programming and Data
Downloading
0 (programmed)
(SPI prog. enabled)
EESAVE
6
Preserve EEPROM memory through
Chip Erase
1 (unprogrammed)
(memory not preserved)
WDTON(2)
5
Watchdog Timer always on
1 (unprogrammed)
CKDIV8(3)
4
Divide clock by 8
0 (programmed)
SUT1(4)
3
Select start-up time
1 (unprogrammed)
SUT0(4)
2
Select start-up time
0 (programmed)
CKSEL1(5)
1
Select Clock source
1 (unprogrammed)
CKSEL0(5)
0
Select Clock source
0 (programmed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com