Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 105 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 101Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 102Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 103Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 104Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 105Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 106Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 107Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 108Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 174 page
background image
105
8126D–AVR–11/09
ATtiny13A
Note that fuse bits are locked if Lock Bit 1 (LB1) is programmed. Program the fuse bits before
programming the lock bits. The status of the fuse bits is not affected by Chip Erase.
Fuse bits can also be read by the device firmware. See section “Reading Fuse and Lock Bits
from Firmware” on page 100.
17.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
17.3 Calibration Bytes
The signature area of the ATtiny13A contains two bytes of calibration data for the internal oscil-
lator. The calibration data in the high byte of address 0x00 is for use with the oscillator set to 9.6
MHz operation. During reset, this byte is automatically written into the OSCCAL register to
ensure correct frequency of the oscillator.
There is a separate calibration byte for the internal oscillator in 4.8 MHz mode of operation but
this data is not loaded automatically. The hardware always loads the 9.6 MHz calibration data
during reset. To use separate calibration data for the oscillator in 4.8 MHz mode the OSCCAL
register must be updated by firmware. The calibration data for 4.8 MHz operation is located in
the high byte at address 0x01 of the signature area.
17.4 Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and high-voltage programming mode, even when the device is
locked. The three bytes reside in a separate address space.
For the ATtiny13A the signature bytes are:
• 0x000: 0x1E (indicates manufactured by Atmel).
• 0x001: 0x90 (indicates 1 KB Flash memory).
• 0x002: 0x07 (indicates ATtiny13A device when 0x001 is 0x90).
17.5 Page Size
Table 17-5.
No. of Words in a Page and No. of Pages in the Flash
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
512 words (1K byte)
16 words
PC[3:0]
32
PC[8:4]
8
Table 17-6.
No. of Words in a Page and No. of Pages in the EEPROM
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
64 bytes
4 bytes
EEA[1:0]
16
EEA[5:2]
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com