Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega16A Datasheet HTML 1Page - ATMEL Corporation ATmega16A Datasheet HTML 2Page - ATMEL Corporation ATmega16A Datasheet HTML 3Page - ATMEL Corporation ATmega16A Datasheet HTML 4Page - ATMEL Corporation ATmega16A Datasheet HTML 5Page - ATMEL Corporation ATmega16A Datasheet HTML 6Page - ATMEL Corporation ATmega16A Datasheet HTML 7Page - ATMEL Corporation ATmega16A Datasheet HTML 8Page - ATMEL Corporation ATmega16A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 352 page
background image
Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
– 131 Powerful Instructions – Most Single-clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-chip 2-cycle Multiplier
• High Endurance Non-volatile Memory segments
– 16K Bytes of In-System Self-programmable Flash program memory
– 512 Bytes EEPROM
– 1K Byte Internal SRAM
– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 Compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
–Four PWM Channels
– 8-channel, 10-bit ADC
• 8 Single-ended Channels
• 7 Differential Channels in TQFP Package Only
• 2 Differential Channels with Programmable Gain at 1x, 10x, or 200x
– Byte-oriented Two-wire Serial Interface
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby
and Extended Standby
• I/O and Packages
– 32 Programmable I/O Lines
– 40-pin PDIP, 44-lead TQFP, and 44-pad QFN/MLF
• Operating Voltages
– 2.7 - 5.5V for ATmega16A
• Speed Grades
– 0 - 16 MHz for ATmega16A
• Power Consumption @ 1 MHz, 3V, and 25°C for ATmega16A
– Active: 0.6 mA
– Idle Mode: 0.2 mA
– Power-down Mode: < 1µA
8-bit
Microcontroller
with 16K Bytes
In-System
Programmable
Flash
ATmega16A
8154B–AVR–07/09


Similar Part No. - ATmega16A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A-AU ATMEL-ATMEGA16A-AU Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A-MU ATMEL-ATMEGA16A-MU Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A-PU ATMEL-ATMEGA16A-PU Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A_09 Datasheet
518Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATmega16A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_07 Datasheet
376Kb / 21P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216 Datasheet
782Kb / 25P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com