Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16A Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 24Page - ATMEL Corporation ATmega16A Datasheet HTML 25Page - ATMEL Corporation ATmega16A Datasheet HTML 26Page - ATMEL Corporation ATmega16A Datasheet HTML 27Page - ATMEL Corporation ATmega16A Datasheet HTML 28Page - ATMEL Corporation ATmega16A Datasheet HTML 29Page - ATMEL Corporation ATmega16A Datasheet HTML 30Page - ATMEL Corporation ATmega16A Datasheet HTML 31Page - ATMEL Corporation ATmega16A Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 352 page
background image
28
8154B–AVR–07/09
ATmega16A
Note:
1. These options should only be used if frequency stability at start-up is not important for the
application.
8.6
External RC Oscillator
For timing insensitive applications, the external RC configuration shown in Figure 8-3 can be
used. The frequency is roughly estimated by the equation f = 1/(3RC). C should be at least 22
pF. By programming the CKOPT Fuse, the user can enable an internal 36 pF capacitor between
XTAL1 and GND, thereby removing the need for an external capacitor. For more information on
Oscillator operation and details on how to choose R and C, refer to the External RC Oscillator
application note.
Figure 8-3.
External RC Configuration
The Oscillator can operate in four different modes, each optimized for a specific frequency
range. The operating mode is selected by the fuses CKSEL3:0 as shown in Table 8-6.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 8-7.
Table 8-5.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT1:0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
00
1K CK(1)
4.1 ms
Fast rising power or BOD enabled
01
1K CK(1)
65 ms
Slowly rising power
10
32K CK
65 ms
Stable frequency at start-up
11
Reserved
Table 8-6.
External RC Oscillator Operating Modes
CKSEL3:0
Frequency Range (MHz)
0101
0.1
≤ 0.9
0110
0.9 - 3.0
0111
3.0 - 8.0
1000
8.0 - 12.0
XTAL2
XTAL1
GND
C
R
VCC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com