Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16A Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 25Page - ATMEL Corporation ATmega16A Datasheet HTML 26Page - ATMEL Corporation ATmega16A Datasheet HTML 27Page - ATMEL Corporation ATmega16A Datasheet HTML 28Page - ATMEL Corporation ATmega16A Datasheet HTML 29Page - ATMEL Corporation ATmega16A Datasheet HTML 30Page - ATMEL Corporation ATmega16A Datasheet HTML 31Page - ATMEL Corporation ATmega16A Datasheet HTML 32Page - ATMEL Corporation ATmega16A Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 352 page
background image
29
8154B–AVR–07/09
ATmega16A
Note:
1. This option should not be used when operating close to the maximum frequency of the device.
8.7
Calibrated Internal RC Oscillator
The Calibrated Internal RC Oscillator provides a fixed 1.0, 2.0, 4.0, or 8.0 MHz clock. All fre-
quencies are nominal values at 5V and 25
°C. This clock may be selected as the sys-tem clock
by programming the CKSEL Fuses as shown in Table 8-8. If selected, it will operate with no
external components. The CKOPT Fuse should always be unpro-grammed when using this
clock option. During Reset, hardware loads the calibration byte into the OSCCAL Register and
thereby automatically calibrates the RC Oscillator. At 5V, 25
°C and 1.0, 2.0, 4.0 or 8.0 MHz
Oscillator frequency selected, this calibration gives a frequency within ± 3% of the nominal fre-
quency. Using calibration methods as described in application notes available at
www.atmel.com/avr it is possible to achieve ±1% accuracy at any given V
CC and Temperature.
When this Oscillator is used as the Chip Clock, the Watchdog Oscillator will still be used for the
Watchdog Timer and for the reset time-out. For more information on the pre-programmed cali-
bration value, see the section “Calibration Byte” on page 266.
Note:
1. The device is shipped with this option selected.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 8-9. XTAL1 and XTAL2 should be left unconnected (NC).
Note:
1. The device is shipped with this option selected.
Table 8-7.
Start-up Times for the External RC Oscillator Clock Selection
SUT1:0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
00
18 CK
–
BOD enabled
01
18 CK
4.1 ms
Fast rising power
10
18 CK
65 ms
Slowly rising power
11
6 CK(1)
4.1 ms
Fast rising power or BOD enabled
Table 8-8.
Internal Calibrated RC Oscillator Operating Modes
CKSEL3:0
Nominal Frequency (MHz)
0001(1)
1.0
0010
2.0
0011
4.0
0100
8.0
Table 8-9.
Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1:0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
00
6 CK
–
BOD enabled
01
6 CK
4.1 ms
Fast rising power
10(1)
6 CK
65 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com