Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16A Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 52Page - ATMEL Corporation ATmega16A Datasheet HTML 53Page - ATMEL Corporation ATmega16A Datasheet HTML 54Page - ATMEL Corporation ATmega16A Datasheet HTML 55Page - ATMEL Corporation ATmega16A Datasheet HTML 56Page - ATMEL Corporation ATmega16A Datasheet HTML 57Page - ATMEL Corporation ATmega16A Datasheet HTML 58Page - ATMEL Corporation ATmega16A Datasheet HTML 59Page - ATMEL Corporation ATmega16A Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 352 page
background image
56
8154B–AVR–07/09
ATmega16A
Table 12-4 and Table 12-5 relate the alternate functions of Port A to the overriding signals
shown in Figure 12-5 on page 54.
Table 12-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
ADC7 (ADC input channel 7)
PA6
ADC6 (ADC input channel 6)
PA5
ADC5 (ADC input channel 5)
PA4
ADC4 (ADC input channel 4)
PA3
ADC3 (ADC input channel 3)
PA2
ADC2 (ADC input channel 2)
PA1
ADC1 (ADC input channel 1)
PA0
ADC0 (ADC input channel 0)
Table 12-4.
Overriding Signals for Alternate Functions in PA7:PA4
Signal Name
PA7/ADC7
PA6/ADC6
PA5/ADC5
PA4/ADC4
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0000
PVOV
0000
DIEOE
0000
DIEOV
0000
DI
––––
AIO
ADC7 INPUT
ADC6 INPUT
ADC5 INPUT
ADC4 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com