Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16A Datasheet(PDF) 112 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 108Page - ATMEL Corporation ATmega16A Datasheet HTML 109Page - ATMEL Corporation ATmega16A Datasheet HTML 110Page - ATMEL Corporation ATmega16A Datasheet HTML 111Page - ATMEL Corporation ATmega16A Datasheet HTML 112Page - ATMEL Corporation ATmega16A Datasheet HTML 113Page - ATMEL Corporation ATmega16A Datasheet HTML 114Page - ATMEL Corporation ATmega16A Datasheet HTML 115Page - ATMEL Corporation ATmega16A Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 352 page
background image
112
8154B–AVR–07/09
ATmega16A
A FOC1A/FOC1B strobe will not generate any interrupt nor will it clear the timer in Clear Timer
on Compare match (CTC) mode using OCR1A as TOP.
The FOC1A/FOC1B bits are always read as zero.
• Bit 1:0 – WGM11:0: Waveform Generation Mode
Combined with the WGM13:2 bits found in the TCCR1B Register, these bits control the counting
sequence of the counter, the source for maximum (TOP) counter value, and what type of wave-
form generation to be used, see Table 16-5. Modes of operation supported by the Timer/Counter
unit are: Normal mode (counter), Clear Timer on Compare match (CTC) mode, and three types
of Pulse Width Modulation (PWM) modes. (See “Modes of Operation” on page 99.)
Note:
1. The CTC1 and PWM11:0 bit definition names are obsolete. Use the
WGM12:0 definitions. However, the functionality and
location of these bits are compatible with previous versions of the timer.
16.11.2
TCCR1B – Timer/Counter1 Control Register B
• Bit 7 – ICNC1: Input Capture Noise Canceler
Setting this bit (to one) activates the Input Capture Noise Canceler. When the Noise Canceler is
activated, the input from the Input Capture Pin (ICP1) is filtered. The filter function requires four
successive equal valued samples of the ICP1 pin for changing its output. The Input Capture is
therefore delayed by four Oscillator cycles when the Noise Canceler is enabled.
Table 16-5.
Waveform Generation Mode Bit Description
(1)
Mode
WGM13
WGM12
(CTC1)
WGM11
(PWM11)
WGM10
(PWM10)
Timer/Counter Mode of Operation
TOP
Update of
OCR1
x
TOV1 Flag Set
on
00
0
0
0
Normal
0xFFFF
Immediate
MAX
10
0
0
1
PWM, Phase Correct, 8-bit
0x00FF
TOP
BOTTOM
20
0
1
0
PWM, Phase Correct, 9-bit
0x01FF
TOP
BOTTOM
30
0
1
1
PWM, Phase Correct, 10-bit
0x03FF
TOP
BOTTOM
40
1
0
0
CTC
OCR1A
Immediate
MAX
50
1
0
1
Fast PWM, 8-bit
0x00FF
BOTTOM
TOP
60
1
1
0
Fast PWM, 9-bit
0x01FF
BOTTOM
TOP
70
1
1
1
Fast PWM, 10-bit
0x03FF
BOTTOM
TOP
81
0
0
0
PWM, Phase and Frequency Correct
ICR1
BOTTOM
BOTTOM
91
0
0
1
PWM, Phase and Frequency Correct
OCR1A
BOTTOM
BOTTOM
10
1
0
1
0
PWM, Phase Correct
ICR1
TOP
BOTTOM
11
1
0
1
1
PWM, Phase Correct
OCR1A
TOP
BOTTOM
12
1
1
0
0
CTC
ICR1
Immediate
MAX
13
1
1
0
1
Reserved
–
–
–
14
1
1
1
0
Fast PWM
ICR1
BOTTOM
TOP
15
1
1
1
1
Fast PWM
OCR1A
BOTTOM
TOP
Bit
7
6
5
4
3
2
1
0
ICNC1
ICES1
–
WGM13
WGM12
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com