Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4252-RAPW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATR4252-RAPW
Description  All-in-One IC Solution for Active Antennas
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4252-RAPW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATR4252-RAPW Datasheet HTML 2Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 3Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 4Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 5Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 6Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 7Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 8Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 9Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
9154AS–AUDR–09/09
ATR4252 [Preliminary]
5.9
Power gain
f = 100 MHz,
common base circuit
G5
8
dB
5.10
OIP3 at FMOUT
Common base circuit
FM OUT
145
dBµV
5.11
NF
Common base circuit
1.9
dB
5.12
Power gain
f = 100 MHz,
common emitter circuit
G13.5
dB
5.13
OIP3 at FMOUT
Common emitter circuit
FM OUT
140
dBµV
5.14
NF
Common emitter circuit
FM OUT
3.5
dB
6FM AGC
6.4
Maximum PIN Diode
current
AGC active
FMPD
12
14
mA
6.5
Input resistance
FM DET
R
FMDET
17
21
25
k
Ω
6.6
Input capacitance
f = 100 MHz
FM DET
C
FMDET
1.5
1.75
2.0
pF
7
Voltage Regulator / Monitor
7.1
Output voltage of
regulator
Battery voltage
V
B = 14V
VS
9.5
10
10.5
V
7.2
Ripple rejection of
regulator
100 Hz, V
B > VS + 1V
VB, AM/FM-Out
40
50
dB
5.
Electrical Characteristics (Continued)
Verified on test circuits (demo design made by Atmel), VS = 10 V, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. AGC Loop deactivated
2. Measured with antenna dummy.
6.
Ordering Information
Extended Type Number
Package
Remarks
ATR4252-RAPW
VQFN 4x5 / 28L
Taped on reel, 1.5k volume
ATR4252-RAQW
VQFN 4x5 / 28L
Taped on reel, 6k volume



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com