Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4252-RAPW Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR4252-RAPW
Description  All-in-One IC Solution for Active Antennas
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4252-RAPW Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR4252-RAPW Datasheet HTML 1Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 2Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 3Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 4Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 5Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 6Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 7Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 8Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NOTE: This is a summary document.
The complete document is available
under NDA. For more information,
please contact your local Atmel sales
office.
Features
Highly Integrated - All-in-one Active Antenna IC
Integrated AGC for AM and FM
Integrated Driver for AM and FM PIN Diodes
Integrated Power Supply Regulator
Integrated Antenna Sensor
Separated AM LNA, AM Buffer and FM Amplifier
High Dynamic Range for AM and FM
Excellent Noise Performance
High Intercept Point 3rd Order for FM
FM Amplifier Adjustable to Various Cable Impedances
High Intercept Point 2nd and 3rd Order for AM
Low Noise Output Voltage
Low Power Consumption
Low Output Impedance AM
Only Small Capacitor Values Necessary at AM AGC
Large AM Frequency Range to Cover DRM Broadcast Signals
1.
Description
The ATR4252 is a highly integrated high performance AM/FM antenna amplification
IC with several features. The device has built-in AGC's for both AM and FM, antenna
detection, a power supply regulator as well as additional pre-integrated peripherals.
The ATR4252 is based on BICMOS technology. The device is designed in particular
for car application and is suitable for active antennas located in several positions on
the car such as bumpers, windscreen, mirrors or windows.
Figure 1-1.
Block Diagram
23
1
2
3
4
5
6
7
8
22
AM
Buffer
AM
LNA
24
25
26
27
28
14
13
12
11
10
9
21
20
Voltage
Supply
VREGO
AMTC2
AMTC1
AMDET
OVDET
VSTART
VS
FILTER
ANTENNA
SENSE
FMB
FME
FMPD
GND2
CASCODE
FILTER
AM LNA
SOURCE
AMBUF IN
AMBIAS
AM LNA OUT
FMDET
GND1
AMOUT
VS
FMTC
FMC
AM LNA IN
AMPD
REF
FM
BIAS
AM LNA
BIAS
19
18
17
16
15
AGC
(FM)
FM
Amplifier
AGC
(AM)
Over
Voltage
Antenna
Detect
All-in-One IC
Solution for
Active
Antennas
ATR4252
Summary
Preliminary
9154AS–AUDR–09/09


Similar Part No. - ATR4252-RAPW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251 Datasheet
374Kb / 21P
Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251 ATMEL-ATR4251 Datasheet
433Kb / 21P
Low-noise, High-dynamic-range Antenna Amplifier IC
ATR4251-PFPY ATMEL-ATR4251-PFPY Datasheet
433Kb / 21P
Low-noise, High-dynamic-range Antenna Amplifier IC
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
374Kb / 21P
Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
433Kb / 21P
Low-noise, High-dynamic-range Antenna Amplifier IC
More results

Similar Description - ATR4252-RAPW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
Zoran Corporation
QUATRO4050 ZORAN-QUATRO4050 Datasheet
114Kb / 2P
Programmable SOC Solution for Printers and All-in-Ones
QUATRO4200 ZORAN-QUATRO4200 Datasheet
128Kb / 2P
Programmable SOC Solution for Printers and All-in-Ones
logo
Vincotech
A1084-A VINCOTECH-A1084-A Datasheet
241Kb / 2P
Miniaturized GPS receiver for passive and active antennas
logo
ATMEL Corporation
ATR4253 ATMEL-ATR4253 Datasheet
330Kb / 9P
Highly Integrated - All-in-one Active Antenna IC Integrated AGC
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
ALL IN ONE??POWER TRANSFORMERS
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
logo
Shenzhen Huazhimei Semi...
HM5911 HMSEMI-HM5911 Datasheet
999Kb / 6P
20V Stadoff, 2.4A Charger with 2.4a OTG for power Bank All-in-one solution
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com