Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4252-RAPW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR4252-RAPW
Description  All-in-One IC Solution for Active Antennas
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4252-RAPW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR4252-RAPW Datasheet HTML 1Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 2Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 3Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 4Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 5Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 6Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 7Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 8Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
9154AS–AUDR–09/09
ATR4252 [Preliminary]
The AM buffer amplifier has a very low input capacitance of typically 2.45 pF and can also be
connected directly to the car antenna if no additional gain is required. Due to the low output
impedance of 8
Ω, the buffer amplifier is perfectly suited to drive the capacitive load of long
antenna cables. The voltage gain of this amplifier is close to 1 (0 dB), but the insertion gain that
is achieved when the buffer amplifier is inserted between antenna output and antenna cable
may be much higher (up to 35 dB). The actual value, of course, depends on antenna and cable
capacitances.
The input of the buffer amplifier is connected by an external 4.7 M
Ω resistor to the bias voltage in
order to maintain high input impedance and low noise voltage.
AM tuners in car radios usually use PIN diode attenuators at their input. These PIN diode atten-
uators attenuate the signal by reducing the input impedance of the tuner. Therefore, a series
resistor is used at the AM amplifier output in the standard application. This series resistor guar-
antees well-defined source impedance for the radio tuner and protects the output of the AM
amplifier from short circuit by the PIN diode attenuator in the car radio.
3.2
AM AGC
The IC is equipped with an AM AGC capability to prevent overdriving of the amplifier in case the
amplifier operates near strong signal sources, e.g., transmitters.
The AM amplifier output AMOUT is applied to a resistive voltage divider. This divided signal
feeds the AGC level detector input pin AMDET. The rectified signal is compared against an inter-
nal reference. The threshold of the AGC can be adjusted by modification of the divider ratio of
the external voltage divider. If the threshold is reached ,the pin AMPD opens an internal transis-
tor, which controls the pin diode current and limits the antenna signal to prevent an overdriving
of the AM amplifier.
As the AM AGC has to react very slowly, large capacitors are usually needed for this time delay.
To reduce the cost of the external components, a current control for the time delay is integrated,
so that only small external capacitor values are needed.
The necessary driver for the external pin diode is already incorporated in the ATR4252 IC, which
reduces the BOM cost and the application size.
3.3
FM Amplifier
The FM amplifier is realized with a high performance single NPN transistor. This allows the use
of an amplifier configuration, which is optimized for the desired requirements. For low cost appli-
cation, the common emitter configuration provides good performance at reasonable BOM cost.
For high end application, common base configuration with lossless transformer feedback pro-
vides high IP3 and low noise figure at reasonable current consumption. In both configurations,
gain, input and output impedance can be adjusted by modification of external components.
The temperature compensated bias voltage (FMBIAS) for the base of the NPN transistor is
derived from an integrated voltage reference. The bias current of the FM amplifier is defined by
an external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com