Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4252-RAPW Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR4252-RAPW
Description  All-in-One IC Solution for Active Antennas
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4252-RAPW Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR4252-RAPW Datasheet HTML 1Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 2Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 3Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 4Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 5Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 6Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 7Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 8Page - ATMEL Corporation ATR4252-RAPW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
9154AS–AUDR–09/09
ATR4252 [Preliminary]
20
AMPD
AM AGC output for pin diode
21
REF
Reference voltage 6V
22
AM LNA BIAS
Reference voltage for AM LNA IN
23
AM LNA IN
AM LNA input terminal
24
AM LNA SOURCE
AM LNA source terminal
25
CASCODE FILTER
AM Cascode filter terminal
26
AM LNA OUT
AM LNA output terminal
27
AMBIAS
Reference voltage for AMBUF IN
28
AMBUF IN
AM Buffer amplifier input, impedance matching
Paddle
GND
Ground paddle
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com