Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6MW3C Datasheet(PDF) 4 Page - HB Electronic Components

Part # PLCC6MW3C
Description  SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6MW3C Datasheet(HTML) 4 Page - HB Electronic Components

  PLCC6MW3C Datasheet HTML 1Page - HB Electronic Components PLCC6MW3C Datasheet HTML 2Page - HB Electronic Components PLCC6MW3C Datasheet HTML 3Page - HB Electronic Components PLCC6MW3C Datasheet HTML 4Page - HB Electronic Components PLCC6MW3C Datasheet HTML 5Page - HB Electronic Components PLCC6MW3C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
型号: PLCC6MW3C
www.ledz.com
4/6
SMD SPECIFICATION
6、Chromaticity coordinates Ranks /色坐标分档:
(Ta=25℃)
色坐标误差:±0.01。
代码
轴
参数
代码
轴
参数
X
0.387 0.379 0.392 0.400
X
0.400 0.409 0.395 0.387
We1
Y
0.380 0.392 0.407 0.396
We2
Y
0.396 0.384 0.368 0.380
X
0.403 0.395 0.409 0.417
X
0.400 0.392 0.405 0.414
We3
Y
0.356 0.368 0.384 0.372
We4
Y
0.396 0.407 0.423 0.411
X
0.414 0.422 0.409 0.400
X
0.417 0.409 0.422 0.430
We5
Y
0.411 0.399 0.384 0.396
We6
Y
0.372 0.384 0.399 0.388
X
0.414 0.405 0.419 0.427
X
0.427 0.435 0.422 0.414
We7
Y
0.411 0.423 0.438 0.426
We8
Y
0.426 0.415 0.399 0.411
X
0.430 0.422 0.435 0.443
X
0.427 0.419 0.432 0.440
We9
Y
0.388 0.399 0.415 0.403
We10
Y
0.426 0.438 0.454 0.442
X
0.440 0.448 0.435 0.427
X
0.443 0.435 0.448 0.457
We11
Y
0.442 0.430 0.415 0.426
We12
Y
0.403 0.415 0.430 0.418
X
0.440 0.432 0.445 0.453
X
0.453 0.461 0.448 0.440
We13
Y
0.442 0.454 0.469 0.457
We14
Y
0.457 0.445 0.430 0.442
X
0.457 0.448 0.461 0.469
X
0.379 0.371 0.384 0.392
We15
Y
0.418 0.430 0.445 0.433
Wg1
Y
0.392 0.404 0.419 0.407
X
0.392 0.384 0.397 0.405
X
0.405 0.397 0.410 0.419
Wg2
Y
0.407 0.419 0.435 0.423
Wg3
Y
0.423 0.435 0.450 0.438
X
0.419 0.410 0.424 0.432
X
0.432 0.424 0.437 0.445
Wg4
Y
0.438 0.450 0.465 0.454
Wg5
Y
0.454 0.465 0.481 0.469
Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com