Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6MW3C Datasheet(PDF) 1 Page - HB Electronic Components

Part # PLCC6MW3C
Description  SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6MW3C Datasheet(HTML) 1 Page - HB Electronic Components

  PLCC6MW3C Datasheet HTML 1Page - HB Electronic Components PLCC6MW3C Datasheet HTML 2Page - HB Electronic Components PLCC6MW3C Datasheet HTML 3Page - HB Electronic Components PLCC6MW3C Datasheet HTML 4Page - HB Electronic Components PLCC6MW3C Datasheet HTML 5Page - HB Electronic Components PLCC6MW3C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
型号: PLCC6MW3C
www.ledz.com
1/6
SMD SPECIFICATION
1、Features/特 征:
l
Emitting Color/发光颜色:
l
Lens Type/封装特性:Yellow Diffused/黄色散射
l
Device Outline/外形特征:5.5×5.0×1.95 (unit:mm)
l
RoHS compliant/符合 RoHS 标准
2、Applications/应 用:
l
Backlight for Mobile,Machine Vision, LCD Display/手机、电话、显示屏背光源
l
Backlight in Dashboard and switch of Automive/汽车仪表盘、记程器背光源
3、Outline Dimensions/产品外形尺寸 (units:mm) :
5
0.2
C0.8 deep 0.5
3.735
4.4
45°
1.5
2.5
3
5.5±0.15
灌胶点
1
2
3
4
5
6
6
1
5
2
4
3
CATHODE MARK
W
W
W
Warm White


Similar Part No. - PLCC6MW3C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC6MW3C-3C HB-PLCC6MW3C-3C Datasheet
1Mb / 9P
Device Outline
More results

Similar Description - PLCC6MW3C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
COSMO Electronics Corp...
KL195W02 COSMO-KL195W02 Datasheet
224Kb / 9P
SMD LED
logo
Cree, Inc
LM1-PBG1-01-N1 CREE-LM1-PBG1-01-N1 Datasheet
323Kb / 5P
SMD LED
LM1-PPG1-01-N1 CREE-LM1-PPG1-01-N1 Datasheet
325Kb / 5P
SMD LED
LM1-PRG1-01-N2 CREE-LM1-PRG1-01-N2 Datasheet
364Kb / 5P
SMD LED
LM6-THR1-3B-N1 CREE-LM6-THR1-3B-N1 Datasheet
303Kb / 5P
SMD LED
LP6-PWR1-03-N1 CREE-LP6-PWR1-03-N1 Datasheet
369Kb / 6P
SMD LED
logo
Lucky Light Electronic
GB-SM1204 LUCKY-LIGHT-GB-SM1204 Datasheet
45Kb / 1P
SMD LED
logo
LIGITEK electronics co....
LG-008DBK-CT LIGITEK-LG-008DBK-CT Datasheet
209Kb / 11P
LED SMD
LG-020WK-DT-J-N12 LIGITEK-LG-020WK-DT-J-N12 Datasheet
202Kb / 14P
LED SMD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com