Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6MW3C Datasheet(PDF) 3 Page - HB Electronic Components

Part # PLCC6MW3C
Description  SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6MW3C Datasheet(HTML) 3 Page - HB Electronic Components

  PLCC6MW3C Datasheet HTML 1Page - HB Electronic Components PLCC6MW3C Datasheet HTML 2Page - HB Electronic Components PLCC6MW3C Datasheet HTML 3Page - HB Electronic Components PLCC6MW3C Datasheet HTML 4Page - HB Electronic Components PLCC6MW3C Datasheet HTML 5Page - HB Electronic Components PLCC6MW3C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
型号: PLCC6MW3C
www.ledz.com
3/6
SMD SPECIFICATION
5、Electrical and optical characteristics/光电参数(Ta = 25℃):
Values 数值
Parameter
参数
Color
颜色
Symbol
符号
Test Condition
测试条件
Min
Typ
Max
Unit
单位
White
——
3.3
3.8
White
——
3.3
3.8
Forward Voltage
正向电压
White
VF
IF = 20mA
——
3.3
3.8
V
White
——
——
30
White
——
——
30
Reverse Current
反向电流
White
IR
VR =5V
——
——
30
μ
A
CIE-X
——
——
——
Chromaticity
coordinates
色坐标
White
CIE-Y
IF =60mA
——
——
——
White
770
1500 ——
White
770
1500
——
Luminous Intensity
发光强度
White
IV
IF = 20mA
770
1500 ——
mcd
Luminous Intensity
发光强度
White
IV
IF = 60mA
2130
4000
mcd
White
White
Viewing Angle
发 光指 向角
White
2θ1/2
IF = 20mA
——
120
——
Deg.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com