Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6MW3C Datasheet(PDF) 2 Page - HB Electronic Components

Part # PLCC6MW3C
Description  SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6MW3C Datasheet(HTML) 2 Page - HB Electronic Components

  PLCC6MW3C Datasheet HTML 1Page - HB Electronic Components PLCC6MW3C Datasheet HTML 2Page - HB Electronic Components PLCC6MW3C Datasheet HTML 3Page - HB Electronic Components PLCC6MW3C Datasheet HTML 4Page - HB Electronic Components PLCC6MW3C Datasheet HTML 5Page - HB Electronic Components PLCC6MW3C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
型号: PLCC6MW3C
www.ledz.com
2/6
SMD SPECIFICATION
4、Absolute maximum ratings/极限参数(Ta = 25℃):
Values 数值
Parameter
参数
Color
颜色
Symbol
符号
Test Condition
测试条件
Min.
Max.
Unit
单位
White
——
95
White
——
95
Power Dissipation
损耗功率
White
Pd
——
——
95
mW
White
White
Reverse Voltage
反向电压
White
VR
IR = 30μA
5
——
V
White
White
Pulse Current
正向峰值电流
White
IFp
Duty=0.1,1kHz
——
100
mA
White
White
Forward Current
正向工作电流
White
IFm
——
——
25
mA
White
White
Operating Temperature
工作温度范围
White
Topr
——
-40
+85
℃
White
White
Storage Temperature
储存温度范围
White
Tstr
——
-40
+85
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com