Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33879 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33879
PIN CONNECTIONS
21
D5
Output
Drain Output 5
Output 5 MOSFET drain pin.
22
D3
Output
Drain Output 3
Output 3 MOSFET drain pin.
23
S3
Output
Source Output 3
Output 3 MOSFET source pin.
26
D4
Output
Drain Output 4
Output 4 MOSFET drain pin.
27
S4
Output
Source Output 4
Output 4 MOSFET source pin.
28
D7
Output
Drain Output 7
Output 7 MOSFET drain pin.
29
S7
Output
Source Output 7
Output 7 MOSFET source pin.
31
VPWR
Input
Battery Input
Power supply pin to the 33879. V
PWR has internal reverse battery
protection.
32
DO
Output
Serial Data Output
SPI control data output pin from the 33879 to the MCU. DO=0 no fault,
DO=1 specific output has fault.
33
EP
Ground
Exposed Pad
Device will perform as specified with the Exposed Pad un-terminated
(floating) however, it is recommended that the Exposed Pad be terminated
to pin 1 (GND) and system ground.
Table 2. 33879 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 14.
Pin Number
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com