Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33879
FUNCTIONAL DESCRIPTION
SPI DEFINITION
SPI DEFINITION
On each SPI communication, a 16-bit command word is
sent to the 33879 and a 16-bit status word is received from
the 33879. The MSB is sent and received first. As Table
shows, the Command Register defines the position and
operation the 33879 will perform on rising edge of CS. The
Fault Register, shown in Table 6, defines the previous state
status of the output driver. Table identifies the type of fault
and the method by which the fault is communicated to the
microprocessor
0 = Bits 0 to 7, Output commanded OFF.
0 = Bits 8 to 15, Open Load Detection Current OFF.
1 = Bits 0 to 7, Output commanded ON.
1 = Bits 8 to 15 Open Load Detection Current ON.
0 = Bits 0 to 7, No Fault at Output.
1 = Bits 0 to 7, Output Short-to-Battery, Short-to-GND,
Open Load, or TLIM.
Bits 8 to 15 will always return “0”.
Table 6. Command Register Definition
MSB
LSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ON/
OFF
Open
Load
Detect
8
ON/
OFF
Open
Load
Detect
7
ON/
OFF
Open
Load
Detect
6
ON/
OFF
Open
Load
Detect
5
ON/
OFF
Open
Load
Detect
4
ON/
OFF
Open
Load
Detect
3
ON/
OFF
Open
Load
Detect
2
ON/
OFF
Open
Load
Detect
1
ON/
OFF
OUT 8
ON/
OFF
OUT 7
ON/
OFF
OUT 6
ON/
OFF
OUT 5
ON/
OFF
OUT 4
ON/
OFF
OUT 3
ON/
OFF
OUT 2
ON/
OFF
OUT 1
Table 7. Fault Register Definition
MSB
LSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
0
0
0
OUT 8
Status
OUT 7
Status
OUT 6
Status
OUT 5
Status
OUT 4
Status
OUT 3
Status
OUT 2
Status
OUT 1
Status
Table 8. Fault Operation
Serial Output (DO) Pin Reports
Over-temperature
Fault reported by serial output (DO) pin.
Over-current
DO pin reports short to battery/supply or over-current condition.
Output ON Open Load Fault
Not reported.
Output OFF Open Load Fault
DO pin reports output OFF open load condition only with Open Load Detection Current enabled.
DO pin will report “0” for Output OFF Open Load Fault with Open Load Detection Current disabled.
Device Shutdowns
Over-voltage
Total device shutdown at VPWR = VPWR(OV) V. Resumes normal operation with proper voltage. All
outputs assuming the previous state upon recovery from over-voltage.
Over-temperature
Only the output experiencing an over-temperature shuts down. Output assumes previous state upon
recovery from over-temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com