Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33879
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 5. Valid Data Delay Time
and Valid Time Test Circuit
Figure 6. Valid Data Delay Time
and Valid Time Waveforms
Figure 7. Enable and Disable Time Waveforms
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 8. IPWR vs. Temperature
Figure 9. Sleep State IPWR vs. Temperature
DO
CL = 200 pF
VDD = 5.0 V
SCLK
33879
Under
Test
NOTE: CL represents the total capacitance of the test
fixture and probe.
(Low-to-High)
tF(DI
tR(DI)
0.2 VDD
0.7 VDD
0.2
0.7 VDD
tVALID
tR(DO
VOL
VOH
VOL
VOH
0.2 VDD
0.7 VDD
0 V
3.3/5.0 V
< 50 ns
50%
< 50 ns
DO
SCLK
(High-to-Low)
DO
90%
tF(CS)
tR(CS)
VOH
VOL
0 V
3.3/5.0 V
DO
tDO(DIS)
tDO(EN)
tDO(DIS)
tDO(EN)
(Tri-State to Low)
0.7 VDD
0.2 VDD
<50 ns
<50 ns
CS
90%
DO
(Tri-State to High)
10%
10%
90%
10%
VTri-State
VTri-State
025
50
100
125
-40
75
-25
14
15
16
17
18
19
20
TA, Ambient Temperature (°C)
VPWR @ 18 V
33879
33879A
0
25
50
100
125
-40
75
-25
1
2
3
4
5
6
7
TA, Ambient Temperature (°C)
VPWR @ 13 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com