Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33879
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 10. Sleep State IPWR vs. VPWR
Figure 11. RDS(ON) vs. Temperature at 350 mA
Figure 12. RDS(ON) vs. VPWR at 350 mA
Figure 13. Open Load Detection Current at Threshold
Figure 14. Open Load Detection
Threshold vs. Temperature
510
15
20
25
0
20
40
60
80
100
120
140
VPWR
TA = 25°C
33879
33879A
025
50
100
125
-40
75
-25
0.4
0.6
0.8
1.0
1.2
1.4
TA, Ambient Temperature (°C)
VPWR @ 13 V
High Side Drive
0.2
0.4
0.6
1.0
1.2
VPWR (V)
5
1015
2025
0
0.8
1.4
TA = 25°C
High Side Drive
0
25
50
100
125
-40
75
-25
20
40
60
80
100
120
140
TA, Ambient Temperature (°C)
VPWR @ 13 V
High Side
Low Side
025
50
100
125
-40
75
-25
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA, Ambient Temperature (°C)
VPWR @ 13 V
High Side and Low Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com