Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940 Datasheet(PDF) 1 Page - Linear Technology

Part # LT2940
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940 Datasheet(HTML) 1 Page - Linear Technology

  LT2940 Datasheet HTML 1Page - Linear Technology LT2940 Datasheet HTML 2Page - Linear Technology LT2940 Datasheet HTML 3Page - Linear Technology LT2940 Datasheet HTML 4Page - Linear Technology LT2940 Datasheet HTML 5Page - Linear Technology LT2940 Datasheet HTML 6Page - Linear Technology LT2940 Datasheet HTML 7Page - Linear Technology LT2940 Datasheet HTML 8Page - Linear Technology LT2940 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT2940
1
2940f
TYPICAL APPLICATION
DESCRIPTION
Power and Current Monitor
The LT®2940 measures a high side current and a differ-
ential voltage, multiplies them and outputs a current
proportional to instantaneous power. Bidirectional high
side currents and bipolar voltage differences are correctly
handled by the four-quadrant multiplier and push-pull
output stage, which allows the LT2940 to indicate forward
and reverse power flow.
An integrated comparator with inverting and noninvert-
ing open-collector outputs makes the LT2940 a complete
power level monitor. In addition, an output current pro-
portional to the sensed high side current allows current
monitoring. The current mode outputs make scaling,
filtering and time integration as simple as selecting ex-
ternal resistors and/or capacitors.
Load Monitor Alarms Above 60W
FEATURES
APPLICATIONS
n
Four-Quadrant Power Measurement
n
±5% Power Measurement Accuracy
n
4V to 80V High Side Sense, 100V Max
n
Current Mode Power and Current Outputs
n
Output Bandwidth Exceeds 500kHz
n
±3% Current Measurement Accuracy
n
6V to 80V Supply Range, 100V Max
n
Inverting and Noninverting Open-Collector
Comparator Outputs
n
Available in 12-Pin DFN (3mm
× 3mm) and 12-Lead
MSOP Packages
n
Board Level Power and Current Monitoring
n
Line Card and Server Power Monitoring
n
Power Sense Circuit Breaker
n
Power Control Loops
n
Power/Energy Meters
n
Battery Charger Metering
CMP+
PMON
IMON
CMPOUT
CMPOUT
LATCH
V–
V+
I–
I+
2940 TA01a
VCC
110k
+
–
10.0k
0A TO 10A
LED ON WHEN
PLOAD > 60W
PLOAD = VLOAD • ILOAD
VLOAD
6V TO 80V
ILOAD
LT2940
GND
20mΩ
2W
5V
1k
VIMON = ILOAD • 100
mV
A
VPMON = PLOAD • 20.75
mV
W
24.9K
4.99k
LOAD
kV =
kI = 20mΩ
1
12
ILOAD (A)
0
2.0
1.5
1.0
4
8
2
6
10
12
14
0.5
0
2.5
96
72
48
24
0
120
80V
30V
15V
10V
2940 TA01b
LED ON
LED OFF
VLOAD =6V
60W ALARM
Monitor Output Level and Load Power
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT2940

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
Power and Current Monitor
More results

Similar Description - LT2940

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA223 TI1-INA223 Datasheet
1Mb / 31P
Analog Output Current Shunt and Voltage Instantaneous Power Monitor
logo
Linear Technology
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
Power and Current Monitor
logo
Texas Instruments
INA223 TI-INA223_15 Datasheet
1Mb / 31P
Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA220 TI1-INA220 Datasheet
1Mb / 36P
High- or Low-Side, Bidirectional Current and Power Monitor
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
List of Unclassifed Man...
M02066 ETC2-M02066 Datasheet
681Kb / 20P
Bias and modulation current monitor
logo
Microchip Technology
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com