Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940 Datasheet(PDF) 5 Page - Linear Technology

Part # LT2940
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940 Datasheet(HTML) 5 Page - Linear Technology

  LT2940 Datasheet HTML 1Page - Linear Technology LT2940 Datasheet HTML 2Page - Linear Technology LT2940 Datasheet HTML 3Page - Linear Technology LT2940 Datasheet HTML 4Page - Linear Technology LT2940 Datasheet HTML 5Page - Linear Technology LT2940 Datasheet HTML 6Page - Linear Technology LT2940 Datasheet HTML 7Page - Linear Technology LT2940 Datasheet HTML 8Page - Linear Technology LT2940 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT2940
5
2940f
VI (mV)
–200
400
600
200
0
0
200
–200
–400
800
2940 G01
VV = –8V
–4V
VV = VV+ – VV–
VI = VI+ – VI–
VCC ≥ 11V
VPMON = 0.5V
–2V
0V
2V
8V
4V
VI (mV)
–200
1
2
0
–1
0
–100
100
200
–2
–3
3
2940 G02
VV = 8V
VV = 8V
–4V
|VV • VI| ≤ 0.4V
2
TA = 25°C
–2V
0V
2V
4V
ONE REPRESENTATIVE UNIT
TEMPERATURE (°C)
–50
–4
–3
–1
0
1
4
3
0
50
75
–2
2
–25
25
100
125
2949 G03
–8V ≤ VV ≤ 8V
–200mV ≤ VI ≤ 200mV
|VV • VI| ≤ 0.4V
2
VCC = 12V
VCC = 80V
VCC = 80V
VCC = 12V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, and all voltages are referenced
to GND unless otherwise noted. Current sourced by the PMON pin or the
IMON pin is defined as positive; current sunk as negative.
Note 3: The LT2940 may safely drive its own PMON and IMON output
voltages above the absolute maximum ratings. Do not apply any external
source that drives the voltage above absolute maximum.
Note 4: Full-scale equals ±200μA.
Note 5: V+ and V– pin voltages must each fall within the voltage sense pin
operating range specification.
Note 6: I+ and I– pin voltages must each fall within the current sense pin
operating range specification.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. All specifications apply at 6V ≤ VCC ≤ 80V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICMPOUT(LK)
CMPOUT Leakage Current
CMP+ Low, VCC = 36V,
0.4V ≤ VCMPOUT ≤ 36V
l
±0.15
±1
μA
ICMPOUT(OL)
CMPOUT Output Low Voltage
CMP+ Low, ICMPOUT = 3mA
l
0.2
0.4
V
ICMPOUT(LK)
CMPOUT Leakage Current
CMP+ High, VCC = 36V,
0.4V ≤ VCMPOUT ≤ 36V
l
±0.15
±1
μA
tDLY
Comparator Propagation Delay
Output Pulling Down
l
0.7
2
μs
VLATCH(IL)
LATCH Input Low Voltage
l
0.5
0.8
1.2
V
VLATCH(IO)
LATCH Input Open Voltage
l
1.25
1.5
1.95
V
VLATCH(IH)
LATCH Input High Voltage
l
2.0
2.2
2.5
V
ILATCH(LK)
LATCH Input Allowable Leakage in
Open State
l
±10
μA
ILATCH(BIAS)
LATCH Input Bias Current
VLATCH = 0V
l
–11
–17
–23
μA
VLATCH = 80V
l
11
17
23
μA
TYPICAL PERFORMANCE CHARACTERISTICS
PMON Output Current
vs Sense Input Voltages
PMON Total Error
vs Sense Input Voltages
PMON Error Band vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com