Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940 Datasheet(PDF) 3 Page - Linear Technology

Part # LT2940
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940 Datasheet(HTML) 3 Page - Linear Technology

  LT2940 Datasheet HTML 1Page - Linear Technology LT2940 Datasheet HTML 2Page - Linear Technology LT2940 Datasheet HTML 3Page - Linear Technology LT2940 Datasheet HTML 4Page - Linear Technology LT2940 Datasheet HTML 5Page - Linear Technology LT2940 Datasheet HTML 6Page - Linear Technology LT2940 Datasheet HTML 7Page - Linear Technology LT2940 Datasheet HTML 8Page - Linear Technology LT2940 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT2940
3
2940f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VCC
Supply Voltage Operating Range
l
680
V
ICC
Supply Current
IPMON = +200μA, IIMON = +200μA
(Note 2)
l
2
3.5
5
mA
VCC(UVLC)
Supply Undervoltage Latch Clear
VCC Falling
l
2.3
2.5
2.7
V
ΔVCC(HYST)
Supply Undervoltage Hysteresis
VCC Rising
l
20
75
100
mV
Voltage Sense
VVSEN(OR)
Voltage Sense Pin Operating Range
VCC ≤ 12V
l
–0.1
VCC – 3
V
12V < VCC < 30V
l
–0.1
9
V
V+ Pin and V– Pin
VCC ≥ 30V
l
–0.1
18
V
VV
Voltage Sense Differential Input Voltage Range
(Note 5)
VCC < 11V
l
±(VCC – 3)
V
VV = VV+ – VV–
VCC ≥ 11V
l
±8
V
VV(CL)
Voltage Sense Differential Clipping Limit
(Note 5)
VCC ≥ 12V
l
±9
V
IVSEN
Voltage Sense Input Bias Current
V+ Pin and V– Pin
l
–300
–100
100
nA
ΔIVSEN
Voltage Sense Input Offset Current
ΔIVSEN = IV+ – IV–
VV+ = VV–
l
±50
±150
nA
Current Sense
VISEN(OR)
Current Sense Pin Operating Range
I+ Pin and I– Pin
l
480
V
VI
Current Sense Differential Input Voltage
Range (Note 6)
VI = VI+ – VI–
l
±200
mV
VI(CL)
Current Sense Differential Clipping Limit
(Note 6)
l
±225
mV
IISEN
Current Sense Input Bias Current
I+ Pin and I– Pin
l
75
100
125
μA
ΔIISEN
Current Sense Input Offset Current
ΔIISEN = II+ – II–
VI+ = VI–
l
±200
±800
nA
Power Monitor (Note 2)
IPMON(OR)
Power Monitor Output Current Operating
Range
l
±200
μA
IPMON(CAPA)
Power Monitor Output Current Capability
VCC ≥ 12V, VPMON ≥ 0V, and
VV = –9V, VI = –225mV, or
VV = 9V, VI = 225mV
l
900
1200
μA
VCC ≥ 12V, VPMON ≥ 0.5V, and
VV = –9V, VI = 225mV, or
VV = 9V, VI = –225mV
l
–240
–1200
μA
VCC ≥ 12V, VPMON ≥ 4V, and
VV = –9V, VI = 225mV, or
VV = 9V, VI = –225mV
l
–800
–1200
μA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. All specifications apply at 6V ≤ VCC ≤ 80V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com