Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940 Datasheet(PDF) 19 Page - Linear Technology

Part # LT2940
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT2940 Datasheet HTML 15Page - Linear Technology LT2940 Datasheet HTML 16Page - Linear Technology LT2940 Datasheet HTML 17Page - Linear Technology LT2940 Datasheet HTML 18Page - Linear Technology LT2940 Datasheet HTML 19Page - Linear Technology LT2940 Datasheet HTML 20Page - Linear Technology LT2940 Datasheet HTML 21Page - Linear Technology LT2940 Datasheet HTML 22Page - Linear Technology LT2940 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT2940
19
2940f
TYPICAL APPLICATIONS
1-Cell Monitor with Bottom-Side Sense
Motor Monitor with Circuit Breaker
CMP+
PMON
IMON
CMPOUT
CMPOUT
RESET
LATCH
V–
V+
I–
I+
VCC
2940 TA09
R2A
10k
1%
MUR120
R1
10k
1%
R2B
10k
1%
Q1
FDB3632
VPMON
100W/ V
VIMON
6.5A/ V
12V
RS
LT2940
GND
GE
5BPA34KAA10B
12V, 8A
PM FIELD
25mΩ
2
R5
12.4k
C5
33nF
R4
4.99k
C4
100nF
C10
100μF
25V
R3
10k
kV =
kI =
OVERCURRENT TRIP = 8A
25mΩ
2
1
3
+
+
–
IMON
PMON
V–
V+
I–
I+
VCC
2940 TA08
LT2940
LT1635
GND
C1
100nF
kV =
= 0.8
kI = 200mΩ
121
151
R12
1k
5%
12V
12V
200mV
CYCLON
2V, 4.5AH
DT CELL*
LOAD–
CHARGER–
R1
121k
R5
4.99k
R2
30k
1%
R4
12.4k
1W/ V
±2.5W MAX
1A/ V
±1A MAX
RS1
215Ω
RS2
215Ω
+
–
REF
OA
Q1
2N3904
*www.hawkerpowersource.com
(423) 238-5700
Q2
2N3904
D1
5.1V
R6
1k
1%
R7
200Ω
1%
R9
200Ω
1%
RS3
200mΩ
R8
1k
1%
LOAD+
CHARGER+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com