Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3823IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3823IGN
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3823IGN Datasheet HTML 10Page - Linear Technology LTC3823IGN Datasheet HTML 11Page - Linear Technology LTC3823IGN Datasheet HTML 12Page - Linear Technology LTC3823IGN Datasheet HTML 13Page - Linear Technology LTC3823IGN Datasheet HTML 14Page - Linear Technology LTC3823IGN Datasheet HTML 15Page - Linear Technology LTC3823IGN Datasheet HTML 16Page - Linear Technology LTC3823IGN Datasheet HTML 17Page - Linear Technology LTC3823IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTC3823
14
3823fd
does not exceed a specified maximum, the inductance
should be chosen according to:
L
V
fI
V
V
OUT
LMAX
OUT
IN MAX
=
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟ −
⎛
⎝
⎜⎜
⎞
⎠
Δ ()
()
1
⎟⎟⎟
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool Mμ
® cores. A variety of inductors designed for
high current, low voltage applications are available from
manufacturers such as Sumida, Panasonic, Coiltronics,
Coilcraft and Toko.
Schottky Diode D1 Selection
The Schottky diode D1 shown in Figure 12 conducts dur-
ing the dead time between the conduction of the power
MOSFET switches. It is intended to prevent the body diode
of the bottom MOSFET from turning on and storing charge
during the dead time, which can cause a modest (about
1%) efficiency loss. The diode can be rated for about one
half to one fifth of the full load current since it is on for
only a fraction of the duty cycle. In order for the diode
to be effective, the inductance between it and the bottom
MOSFET must be as small as possible, mandating that
these components be placed adjacently. The diode can
be omitted if the efficiency loss is tolerable.
CIN and COUT Selection
The input capacitance CIN is required to filter the square
wave current at the drain of the top MOSFET. Use a low ESR
capacitor sized to handle the maximum RMS current.
II
V
V
V
V
RMS
OUT MAX
OUT
IN
IN
OUT
≅
()
–1
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT(MAX)/2. This simple worst-case condition is
commonly used for design because even significant de-
viations do not offer much relief. Note that ripple current
ratings from capacitor manufacturers are often based on
only 2000 hours of life which makes it advisable to derate
the capacitor.
The selection of COUT is primarily determined by the
ESR required to minimize voltage ripple and load step
transients. The output ripple ΔVOUT is approximately
bounded by:
ΔΔ
V
I ESR
fC
OUT
L
OUT
≤+
⎛
⎝
⎜
⎞
⎠
⎟
1
8
Since ΔIL increases with input voltage, the output ripple
is highest at maximum input voltage. Typically, once the
ESR requirement is satisfied, the capacitance is adequate
for filtering and has the necessary RMS current rating.
Multiple capacitors placed in parallel may be needed to
meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount pack-
ages. Special polymer capacitors offer very low ESR but
have lower capacitance density than other types. Tantalum
capacitors have the highest capacitance density but it is
important to only use types that have been surge tested
for use in switching power supplies. Aluminum electrolytic
capacitors have significantly higher ESR, but can be used
in cost-sensitive applications providing that consideration
is given to ripple current ratings and long term reliability.
Ceramic capacitors have excellent low ESR characteris-
tics but can have a high voltage coefficient and audible
piezoelectric effects. The high Q of ceramic capacitors with
trace inductance can also lead to significant ringing. When
used as input capacitors, care must be taken to ensure that
ringing from inrush currents and switching does not pose
an overvoltage hazard to the power switches and control-
ler. To dampen input voltage transients, add a small 5μF
to 50μF aluminum electrolytic capacitor with an ESR in
the range of 0.5Ω to 2Ω. High performance through-hole
capacitors may also be used, but an additional ceramic
capacitor in parallel is recommended to reduce the effect
of their lead inductance.
Top MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CBconnectedtotheBOOST
pin supplies the gate drive voltage for the topside MOSFET.
This capacitor is charged through diode DB from INTVCC
when the switch node is low. When the top MOSFET turns
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com