Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3823IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3823IGN
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3823IGN Datasheet HTML 13Page - Linear Technology LTC3823IGN Datasheet HTML 14Page - Linear Technology LTC3823IGN Datasheet HTML 15Page - Linear Technology LTC3823IGN Datasheet HTML 16Page - Linear Technology LTC3823IGN Datasheet HTML 17Page - Linear Technology LTC3823IGN Datasheet HTML 18Page - Linear Technology LTC3823IGN Datasheet HTML 19Page - Linear Technology LTC3823IGN Datasheet HTML 20Page - Linear Technology LTC3823IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC3823
17
3823fd
mode, VOUT1 must be set higher than VOUT2. To implement
the ratiometric tracking, the ratio of the divider should be
exactly the same as the master IC’s feedback divider. Note
that the pin Z1/SSENABLE of the slave IC should be tied to
INTVCC so that the internal soft-start current is disabled
in both tracking modes or it will introduce a small error
on the tracking voltage depending on the absolute values
of the tracking resistive divider.
By selecting different resistors, the LTC3823 can achieve
different modes of tracking including the two in Figure 7.
So which mode should be programmed? While either
mode in Figure 7 satisfies most practical applications,
there do exist some tradeoffs. The ratiometric mode saves
a pair of resistors, but the coincident mode offers better
output regulation. This can be better understood with the
help of Figure 9. At the input stage of the slave IC’s error
amplifier, two common anode diodes are used to clamp
the equivalent reference voltage and an additional diode
is used to match the shifted common mode voltage. The
top two current sources are of the same amplitude. In the
coincident mode, the TRACK/SS voltage is substantially
higher than 0.6V at steady state and effectively turns off
D1. D2 and D3 will therefore conduct the same current
and offer tight matching between VFB2 and the internal
precision 0.6V reference. In the ratiometric mode, however,
TRACK/SS equals 0.6V at steady state. D1 will divert part
of the bias current to make VFB2 slightly lower than 0.6V.
Although this error is minimized by the exponential I-V
characteristic of the diode, it does impose a finite amount
of output voltage deviation. Furthermore, when the master
IC’s output experiences dynamic excursion (under load
transient, for example), the slave IC output will be affected
as well. For better output regulation, use the coincident
tracking mode instead of ratiometric.
APPLICATIONS INFORMATION
TIME
(7a) Coincident Tracking
VOUT1
VOUT2
TIME
3823 F07
(7b) Ratiometric Tracking
VOUT1
VOUT2
Figure 7. Two Different Modes of Output Voltage Tracking
R3
R1
R4
R2
R3
VOUT2
R4
(8a) Coincident Tracking Setup
TO
VFB1
PIN
TO
TRACK/SS2
PIN
TO
VFB2
PIN
VOUT1
R1
R2
R3
VOUT2
R4
3823 F08
(8b) Ratiometric Tracking Setup
TO
VFB1
PIN
TO
TRACK/SS2
PIN
TO
VFB2
PIN
VOUT1
Figure 8. Setup for Coincident and Ratiometric Tracking
–
+
II
D1
TRACK/SS2
0.6V
VFB2
D2
D3
3823 F09
EA2
Figure 9. Equivalent Input Current of Error Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com