Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3823IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3823IGN
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3823IGN Datasheet HTML 18Page - Linear Technology LTC3823IGN Datasheet HTML 19Page - Linear Technology LTC3823IGN Datasheet HTML 20Page - Linear Technology LTC3823IGN Datasheet HTML 21Page - Linear Technology LTC3823IGN Datasheet HTML 22Page - Linear Technology LTC3823IGN Datasheet HTML 23Page - Linear Technology LTC3823IGN Datasheet HTML 24Page - Linear Technology LTC3823IGN Datasheet HTML 25Page - Linear Technology LTC3823IGN Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC3823
26
3823fd
Linear Technology Corporation
1630McCarthyBlvd.,Milpitas,CA95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 1209 REV D • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
CP
1000pF
VOUTSENSE
–
VRNG
VFB
ITH
SGND
ION
VDIFFOUT
NC
VOUTSENSE
+
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
SENSE+
SENSE–
PGND
BG
DRVCC
INTVCC
Z2
Z1/SSENABLE
NC TRACK/SS PLLFLTR PLLIN VIN VINSNS ZVCC
PGOOD
VON
32
RON
90k
1%
RC
1.5k
1%
R4
5.11k
1%
R5
10.2k
1%
RBOOST 0Ω
RRUN
100k
R1
23.2k
1%
RPG
100k
R2
27.1k
1%
C6
220pF
CC2
100pF
CPL
0.01μF
CSS
0.1μF
RVIN
10Ω
CVIN
0.1μF
CVCC
10μF
6.3V
C9
47μF
6.3V
3
Q2
Si4874
Q1
Si4884
R6
11k
R3
39k
E4
PGOOD
E1
INTVCC
INTVCC
VIN
E2
RUN
E10
TRACK/SS
E12
GND
300kHz
E13
GND
E11
PLLIN
CC1
6800pF
31
30
29
28
27
26
DB
CMDSH-3-LTC
C5
0.22μF
910
11
12
13
14
15
16
RUN
FCB
LTC3823UH
Z0 BOOST TG
SW
RPL
10k
D1
B320A
L1
1μH
IHLP-2525CZ-01
C7
180μF
+
R7
100Ω
1%
C2
10μF
16V
3
R8
100Ω
1%
E9
VOUTSENSE
–
E6
VOUTSENSE
+
E8
GND
E5
GND
E7
VOUT
1.8V/10A
E3
VIN
4.5V TO 16V
E14
VOUT
E15
GND
3823 TA03
Design Example: 1.8V/10A with Synchronization
PART NUMBER
DESCRIPTION
COMMENTS
LTC3854
Small Footprint Wide VIN Range Synchronous Step-Down
DC/DC Controller
Fixed 400kHz Operating Frequency, 4.5V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 5.25V, 2mm × 3mm QFN-12
LTC3851A/
LTC3851A-1
No RSENSE Wide VIN Range Synchronous Step-Down DC/DC
Controller
Phase-Lockable Fixed Operating Frequency 250kHz to 750kHz,
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 5.25V, MSOP-16E, 3mm × 3mm
QFN-16, SSOP-16
LTC3878
No RSENSE Constant On-Time Synchronous Step-Down DC/DC
Controller
Very Fast Transient Response, tON(MIN) = 43ns, 4V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 0.9VIN, SSOP-16
LTC3879
No RSENSE Constant On-Time Synchronous Step-Down DC/DC
Controller
Very Fast Transient Response, tON(MIN)= 43ns, 4V ≤ VIN ≤ 38V,
0.6V ≤ VOUT ≤ 0.9VIN, MSOP-16E, 3mm × 3mm QFN-16
LTC3850/LTC3850-1/
LTC3850-2
Dual 2-Phase, High Efficiency Synchronous Step-Down DC/DC
Controllers, RSENSE or DCR Current Sensing and Tracking
Phase-Lockable Fixed Operating Frequency 250kHz to 780kHz,
4V ≤ VIN ≤ 30V, 0.8V ≤ VOUT ≤ 5.25V
LTC3855
Dual, Multiphase Synchronous Step-Down DC/DC with
Differential Remote Sense
Phase-Lockable Fixed Operating Frequency 250kHz to 770kHz,
4.5V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 12.5V
LTM4600HV
10A DC/DC μModule
® Complete Power Supply
High Efficiency, Compact Size, Ultrafast Transient Response,
4.5V ≤ VIN ≤ 28V, 0.8V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.8mm
LTM4601AHV
12A DC/DC μModule Complete Power Supply
High Efficiency, Compact Size, Ultrafast Transient Response,
4.5V ≤ VIN ≤ 28V, 0.8V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.8mm
LTC3610
12A, 1MHz, Monolithic Synchronous Step-Down DC/DC
Converter
High Efficiency, Adjustable Constant On-Time, 4V ≤ VIN ≤ 24V,
VOUT(MIN) 0.6V, 9mm × 9mm QFN-64
LTC3611
10A, 1MHz, Monolithic Synchronous Step-Down DC/DC
Converter
High Efficiency, Adjustable Constant On-Time, 4V ≤ VIN ≤ 32V,
VOUT(MIN) 0.6V, 9mm × 9mm QFN-64
μModule is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com