Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3823IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3823IGN
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3823IGN Datasheet HTML 15Page - Linear Technology LTC3823IGN Datasheet HTML 16Page - Linear Technology LTC3823IGN Datasheet HTML 17Page - Linear Technology LTC3823IGN Datasheet HTML 18Page - Linear Technology LTC3823IGN Datasheet HTML 19Page - Linear Technology LTC3823IGN Datasheet HTML 20Page - Linear Technology LTC3823IGN Datasheet HTML 21Page - Linear Technology LTC3823IGN Datasheet HTML 22Page - Linear Technology LTC3823IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTC3823
19
3823fd
the load current and the type of MOSFET used, users need
to be careful to optimize the dead time for their particular
applications. Figure 11 shows the relation between the TG
Low BG High dead time by varying the Z0 voltages. For
an application using LTC3823 with load current of 5A and
IR7811W MOSFETs, the dead time could be optimized. To
make sure that there is no shoot-through under all condi-
tions, a dead time of 70ns is selected. This corresponds to
a DC voltage about 2.4V on Z0 pin. This voltage can easily
be generated with a resistor divider off INTVCC.
APPLICATIONS INFORMATION
2. Transition loss. This loss arises from the brief amount
of time the top MOSFET spends in the saturated region
during switch node transitions. It depends upon the
input voltage, load current, driver strength and MOSFET
capacitance, among other factors. The loss is signifi-
cant at input voltages above 20V and can be estimated
from:
Transition Loss
≅ (1.7A–1) VIN2 IOUT CRSS f
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN loss. The input capacitor has the difficult job of
filtering the large RMS input current to the regulator. It
must have a very low ESR to minimize the AC I2R loss
and sufficient capacitance to prevent the RMS current
from causing additional upstream losses in fuses or
batteries.
Other losses, including COUT ESR loss, Schottky diode D1
conduction loss during dead time and inductor core loss
generally account for less than 2% additional loss.
When making adjustments to improve efficiency, the input
current is the best indicator of changes in efficiency. If you
make a change and the input current decreases, then the
efficiency has increased. If there is no change in input
current, then there is no change in efficiency.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to ΔILOAD (ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or dis-
charge COUT generating a feedback error signal used by the
regulator to return VOUT to its steady-state value. During
this recovery time, VOUT can be monitored for overshoot
or ringing that would indicate a stability problem. The ITH
pin external components shown in Figure 12 will provide
adequate compensation for most applications. For a
detailed explanation of switching control loop theory see
Application Note 76.
Z0 VOLTAGE (V)
0
120
160
200
4
3823 F11
80
40
100
140
180
60
20
0
1
0.5
2
1.5
3
3.5
4.5
2.5
5
IOUT = 2A
FIGURE 12 CIRCUIT
Figure 11. TG Low BG High Dead Time vs Z0 Voltage
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in the circuit produce losses, four main sources
account for most of the losses in LTC3823 circuits:
1. DC I2R losses. These arise from the resistances of the
MOSFETs, inductor and PC board traces and cause the
efficiency to drop at high output currents. In continuous
mode the average output current flows through L, but is
choppedbetweenthetopandbottomMOSFETs.Ifthetwo
MOSFETs have approximately the same RDS(ON), then
the resistance of one MOSFET can simply be summed
with the resistances of L and the board traces to obtain
the DC I2R loss. For example, if RDS(ON) = 0.01Ω and
RL = 0.005Ω, the loss will range from 15mW to 1.5W
as the output current varies from 1A to 10A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com