Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP112 Datasheet(PDF) 1 Page - RFHIC

Part # AP112
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP112 Datasheet(HTML) 1 Page - RFHIC

  AP112 Datasheet HTML 1Page - RFHIC AP112 Datasheet HTML 2Page - RFHIC AP112 Datasheet HTML 3Page - RFHIC AP112 Datasheet HTML 4Page - RFHIC AP112 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
MM
MIIC
C
A
AP
P1
11
12
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Product Features
Application
• DC ~ 500MHz
• GaAs HBT MMIC
• 40dBm Output IP3
• 18dB Gain
• 19.8dBm P1 dB
• Pb Free / RoHS Standard
• CDMA,W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
Description
AP112 is a gain block amplifier designed with GaAs HBT MMIC in a low cost SOT-89 package.
This MMIC amplifier is designed for use as driver devices for infrastructure equipment in the DC~500MHz
ELECTRICAL CHARACTERISTICS
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Device Voltage
VDC
+5.5
RF Input Power
dBm
+10
Storage Temperature
℃
-40
+150
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
DC
500
Device Voltage
VDC
+5
+5.3
Case Temperature
℃
-40
+85
Electrical Specifications
(Ta=+25℃, VDD=+5V, +4.7V, Fc=70 MHz)
PARAMETER
UNIT
MIN
TYP
MAX
TYP
Gain
dB
17.8
18
17.8
Input Return Loss
dB
-14
-13.6
Output Return Loss
dB
-12
-11.7
Output IP3
dBm
38
40.5
37
1dB Compression Point
dBm
19.8
18.6
Noise Figure
dB
2.9
3.1
2.8
DC Current
mA
90
110
130
75
Supply Voltage
VDC
+5V
+4.7V
OIP3 is measured with two tones, at an output power of 5dBm/tone separated by 1MHz
Package Type: SOT-89


Similar Part No. - AP112

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1120 DIODES-AP1120 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1120S DIODES-AP1120S Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1120SBL-13 DIODES-AP1120SBL-13 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
More results

Similar Description - AP112

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
SMA3109 ONSEMI-SMA3109 Datasheet
381Kb / 5P
MMIC
August, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com