Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP112 Datasheet(PDF) 3 Page - RFHIC

Part # AP112
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP112 Datasheet(HTML) 3 Page - RFHIC

  AP112 Datasheet HTML 1Page - RFHIC AP112 Datasheet HTML 2Page - RFHIC AP112 Datasheet HTML 3Page - RFHIC AP112 Datasheet HTML 4Page - RFHIC AP112 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M
MM
MIIC
C
A
AP
P1
11
12
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Performance Charts (Vd=5V, Id=110mA, Tc=25℃)
Frequency
MHz
50
100
150
200
250
300
350
400
450
500
Gain
dB
17.96
17.97
17.97
18
17.98
18
18
17.98
17.96
17.96
S11
dB
-13.9
-14.4
-14.9
-15.7
-16.9
-18.4
-19.7
-21.5
-22.2
-20.7
S22
dB
-11.9
-12.3
-12.7
-13.5
-14.5
-15.9
-17.3
-19.1
-19.5
-18.1
OIP3
dBm
41.1
40.5
40.8
40.1
39.6
40.1
39.6
41.2
41.6
39.9
P1dB
dBm
19.8
19.9
19.9
20
20
20
20.1
20.1
19.9
19.8
Noise Figure
dB
2.85
2.94
3.01
3.06
3.11
3.18
3.21
3.26
3.31
3.36
S-Parameter vs. Frequency
OIP3 vs. Frequency
P1dB vs. Frequency
Noise Figure vs. Frequency
16
18
20
22
50
100
150
200
250
300
350
400
450
500
Freq(MHz)
0
1
2
3
4
50
140
230
320
410
500
Freq(MHz)
14
15
16
17
18
19
50
140
230
320
410
500
Freq(MHz )
-25
-20
-15
-10
-5
0
S21
S11
S22
33
35
37
39
41
43
50
100
150
200
250
300
350
400
450
500
Freq(MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com