Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP112 Datasheet(PDF) 2 Page - RFHIC

Part # AP112
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP112 Datasheet(HTML) 2 Page - RFHIC

  AP112 Datasheet HTML 1Page - RFHIC AP112 Datasheet HTML 2Page - RFHIC AP112 Datasheet HTML 3Page - RFHIC AP112 Datasheet HTML 4Page - RFHIC AP112 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M
MM
MIIC
C
A
AP
P1
11
12
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Block Diagram
Application Circuit
Recommended Bias Resistor Values
Vsupply
Rbias(5V)
Rbias(4.8V)
Rbias(4.5V)
6V
10
15
33
7V
20
28
55
8V
30
41
77
9V
40
53
57



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com