Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP112 Datasheet(PDF) 4 Page - RFHIC

Part # AP112
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP112 Datasheet(HTML) 4 Page - RFHIC

  AP112 Datasheet HTML 1Page - RFHIC AP112 Datasheet HTML 2Page - RFHIC AP112 Datasheet HTML 3Page - RFHIC AP112 Datasheet HTML 4Page - RFHIC AP112 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M
MM
MIIC
C
A
AP
P1
11
12
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Performance Charts (Vd=4.7V, Id=75mA, Tc=25℃)
Frequency
MHz
50
100
150
200
250
300
350
400
450
500
Gain
dB
17.84
17.83
17.83
17.85
17.86
17.87
17.88
17.91
17.84
17.86
S11
dB
-13.6
-14
-14.5
-15.3
-16.3
-17.8
-19.1
-20.7
-21.7
-20.5
S22
dB
-11.6
-11.8
-12.4
-13.2
-14.1
-15.4
-16.8
-18.3
-19.1
-17.9
OIP3
dBm
37.5
37
37.3
36.9
36.8
36.7
36.5
37.1
37.7
37.4
P1dB
dBm
18.6
18.6
18.6
18.6
18.8
18.6
18.7
18.7
18.7
18.7
Noise Figure
dB
2.8
2.84
2.92
3
3.04
3.12
3.16
3.23
3.27
3.32
S-Parameter vs. Frequency
OIP3 vs. Frequency
Noise Figure vs. Frequency
P1dB vs. Frequency
16
18
20
22
50
100
150
200
250
300
350
400
450
500
Freq(MHz)
0
1
2
3
4
50
140
230
320
410
500
Freq(MHz )
14
15
16
17
18
19
50
140
230
320
410
500
Freq(MHz )
-25
-20
-15
-10
-5
0
S21
S11
S22
33
35
37
39
41
43
50
100
150
200
250
300
350
400
450
500
Freq(MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com