Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE608 Datasheet(PDF) 1 Page - RFHIC

Part # AE608
Description  E-pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE608 Datasheet(HTML) 1 Page - RFHIC

  AE608 Datasheet HTML 1Page - RFHIC AE608 Datasheet HTML 2Page - RFHIC AE608 Datasheet HTML 3Page - RFHIC AE608 Datasheet HTML 4Page - RFHIC AE608 Datasheet HTML 5Page - RFHIC AE608 Datasheet HTML 6Page - RFHIC AE608 Datasheet HTML 7Page - RFHIC AE608 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E6
60
08
8
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.3
Product Features
Application
• 10 ~ 4000MHz
• GaAs E-pHEMT
• 0.7dB Noise Figure
• 32dBm Output IP3
• 14dB Gain at 1900MHz
• 14dBm P1 dB
• SOT-143 Package
• Single Supply Voltage
• Pb Free / RoHS Standard
• HF-Band, Cellular, CDMA, W-CDMA,
Wimax Front-end Amplifier
• Low-Noise High Linearity Amplifier
Description
AE608 is a Low-noise amplifier designed with GaAs E-pHEMT in a low cost SOT-143 package.
This E-pHEMT amplifier is designed as low-noise devices for infrastructure equipment in the 10~4000MHz Wireless
technologies such as HF-Band, Cellular, GSM, PCS, CDMA, W-CDMA, Wibro, Bluetooth, Wimax.
Specifications
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
10- 4000
Gain (S21)
dB
12
14
Input Return Loss (S11)
dB
-18
Output Return Loss (S22)
dB
-10
Output 3
rd Order Intercept Point (OIP3)
dBm
29
32
Output 1dB compression Point (P1dB)
dBm
12
14
Noise Figure
dB
0.7
0.9
DC Operating Current
mA
30
45
60
Operating Gate Voltage(Vds=3V, Ids=45mA)
V
0.4
Threshold voltage
V
0.1
0.25
0.4
Test Condition
①
1900MHz, Vdd= +3V, 50ohm System at 25℃
②
OIP3 is measured with two tones, at an output power of +0dBm/tone separated by 1MHz.
Package Type: SOT-143
Absolute Maximum Ratings
PARAMETER
Rating
Remark
Operating Case Temperature (℃)
-40 ~ 85
Storage Temperature (℃)
-50 ~ 125
Drain-Source Voltage
+7V
Drain Current
120mA
Gate-Source Voltage
-5V ~ 1V
Channel Temperature
150℃
RF Input Power
20dBm


Similar Part No. - AE608

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
Low-Noise High Linearity Amplifier
More results

Similar Description - AE608

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
E-pHEMT MMIC
AE616 RFHIC-AE616 Datasheet
352Kb / 8P
E-pHEMT
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
E-pHEMT MMIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
E-pHEMT
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
E-pHEMT MMIC
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
E-pHEMT
logo
Mini-Circuits
TAV1-541 MINI-TAV1-541 Datasheet
836Kb / 14P
E-PHEMT Transistor
TAV2-501 MINI-TAV2-501 Datasheet
651Kb / 6P
E-PHEMT
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com