Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE608 Datasheet(PDF) 4 Page - RFHIC

Part # AE608
Description  E-pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE608 Datasheet(HTML) 4 Page - RFHIC

  AE608 Datasheet HTML 1Page - RFHIC AE608 Datasheet HTML 2Page - RFHIC AE608 Datasheet HTML 3Page - RFHIC AE608 Datasheet HTML 4Page - RFHIC AE608 Datasheet HTML 5Page - RFHIC AE608 Datasheet HTML 6Page - RFHIC AE608 Datasheet HTML 7Page - RFHIC AE608 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E6
60
08
8
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.3
Frequency Range : 1700~2200MHz
PCS, DCS, WCDMA
Performance Data (Vd=3V, Id=45mA, Tc=25℃)
Items
Data
Remarks
Items
Data
Remarks
Gain
13.9 dB
1940 MHz
NF
0.7 dB
1700~2200 MHz
OIP3
32.5 dBm
1700~2200 MHz
P1dB
14 dBm
1700~2200 MHz
S-Parameter vs. Frequency(25°C)
-30
-25
-20
-15
-10
-5
0
5
10
15
1700
1800
1900
2000
2100
2200
Freq(MHz)
7
8
9
10
11
12
13
14
15
16
S11
S22
S21
Input Return Loss vs. Frequency
-25
-20
-15
-10
-5
0
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
Output Return Loss vs. Frequency
-25
-20
-15
-10
-5
0
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
OIP3 vs. Frequency
25
27
29
31
33
35
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
Gain vs. Frequency
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
Noise Figure vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1.2
170018001900200021002200
Freq(MHz)
25°C
85°C
-40°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com