Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE608 Datasheet(PDF) 3 Page - RFHIC

Part # AE608
Description  E-pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE608 Datasheet(HTML) 3 Page - RFHIC

  AE608 Datasheet HTML 1Page - RFHIC AE608 Datasheet HTML 2Page - RFHIC AE608 Datasheet HTML 3Page - RFHIC AE608 Datasheet HTML 4Page - RFHIC AE608 Datasheet HTML 5Page - RFHIC AE608 Datasheet HTML 6Page - RFHIC AE608 Datasheet HTML 7Page - RFHIC AE608 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E6
60
08
8
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.3
Application Circuit : 10~1000MHz
C
C8
C=1 pF
C
C5
C=100 nF
Port
Output
Port
Input
C
C7
C=180 pF
Port
Vdc
Amplifier
AE608
C
C3
C=100 pF
R
R3
R=240 Ohm
C
C4
C=100 nF
C
C1
C=100 nF
L
L1
L=5.6 uH
L
L2
L=10 uH
R
R7
R=680 Ohm
R
R1
R=33 Ohm
R
R2
R=1.5 kOhm
R
R4
R=1.2 kOhm
R
R6
R=10 Ohm
C
C2
C=100 nF
R
R5
R=4.7 Ohm
C
C6
C=100 nF
PCB Evaluation Board Layout Pattern in mm
PCB material (FR4), PCB thickness (0.8t), Via hole (Φ0.6)
35mm
27mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com