Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE608 Datasheet(PDF) 2 Page - RFHIC

Part # AE608
Description  E-pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE608 Datasheet(HTML) 2 Page - RFHIC

  AE608 Datasheet HTML 1Page - RFHIC AE608 Datasheet HTML 2Page - RFHIC AE608 Datasheet HTML 3Page - RFHIC AE608 Datasheet HTML 4Page - RFHIC AE608 Datasheet HTML 5Page - RFHIC AE608 Datasheet HTML 6Page - RFHIC AE608 Datasheet HTML 7Page - RFHIC AE608 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E6
60
08
8
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.3
Frequency Range : 10~1000MHz
HF-Band, Cellular
Performance Data (Vd=2.5V, Id= 25mA, Tc=25℃)
Items
Data
Remarks
Items
Data
Remarks
Gain
18 dB
500 MHz
NF
1.4 dB
10~1000 MHz
OIP3
23 dBm
500 MHz
P1dB
12 dBm
500 MHz
OIP3 vs. Frequency
15
20
25
30
35
7
10
50
100
200
400
600
800
1000
Freq(MHz)
25°C
85°C
-40°C
S-Parameter vs. Frequency(25°C)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
Freq(MHz)
0
2
4
6
8
10
12
14
16
18
20
22
S11
S22
S21
Gain vs. Frequency
0
2
4
6
8
10
12
14
16
18
20
22
Freq(MHz)
25°C
85°C
-40°C
Input Return Loss vs. Frequency
-25
-20
-15
-10
-5
0
5
Freq(MHz)
25°C
85°C
-40°C
Output Return Loss vs. Frequency
-35
-30
-25
-20
-15
-10
-5
0
5
Freq(MHz)
25°C
85°C
-40°C
Noise Figure vs. Frequency
0
1
2
3
4
5
10
50
100
200
400
600
800
1000
Freq(MHz )
25°C
85°C
-40°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com