Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP409 Datasheet(PDF) 1 Page - RFHIC

Part # AP409
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP409 Datasheet(HTML) 1 Page - RFHIC

  AP409 Datasheet HTML 1Page - RFHIC AP409 Datasheet HTML 2Page - RFHIC AP409 Datasheet HTML 3Page - RFHIC AP409 Datasheet HTML 4Page - RFHIC AP409 Datasheet HTML 5Page - RFHIC AP409 Datasheet HTML 6Page - RFHIC AP409 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
M
MM
MIIC
C
A
AP
P4
40
09
9
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Product Features
Application
• 50 ~ 3500MHz
• InGaP HBT MMIC
• 33.5dBm Output IP3
• 15.5dB Gain
• 18.8dBm P1 dB
• On Chip Active bias
• Pb Free / RoHS Standard
• CDMA, W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
Description
AP409 is a gain block amplifier designed with InGaP HBT MMIC in a low cost SOT-89 package.
This MMIC amplifier is designed for use as driver devices for infrastructure equipment in the 50~3500MHz Wireless
technologies such as Cellular, GSM, PCS CDMA, W-CDMA.
Specifications
PARAMETER
Units
Min
Typ
Max
Typ
Gain (S21)
dB
14
15.5
15.3
15.2
Input Return Loss (S11)
dB
-18
-22
-22
Output Return Loss (S22)
dB
-20
-19
-19
Output 3rd Order Intercept Point (OIP3)
dBm
+30
+33.5
+30
+27
Output 1dB compression Point (P1dB)
dBm
+18.8
+18
+16.5
Noise Figure
dB
5
5.1
5.1
DC Operating Current
mA
55
70
85
65
52
Supply Voltage
Vdc
+5
+4.8
+4.5
Thermal Resistance (Rth)
/W
℃
150
Test Condition
① 900MHz, Vdc=5V at 25℃
OIP3 is measured with two
②
tones, at an output power of +5dBm/tone separated by 1MHz.
Absolute Maximum Ratings
PARAMETER
Rating
Remark
Operating Case Temperature (℃)
-40 ~ +85
Storage Temperature (℃)
-50 ~ +150
Supply Voltage
+6
Junction Temperature (℃)
+220
Package Type: SOT-89


Similar Part No. - AP409

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP409 RFHIC-AP409_14 Datasheet
264Kb / 8P
High Linearity Drive Amplifier
More results

Similar Description - AP409

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com