Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP409 Datasheet(PDF) 6 Page - RFHIC

Part # AP409
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP409 Datasheet(HTML) 6 Page - RFHIC

  AP409 Datasheet HTML 1Page - RFHIC AP409 Datasheet HTML 2Page - RFHIC AP409 Datasheet HTML 3Page - RFHIC AP409 Datasheet HTML 4Page - RFHIC AP409 Datasheet HTML 5Page - RFHIC AP409 Datasheet HTML 6Page - RFHIC AP409 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M
MM
MIIC
C
A
AP
P4
40
09
9
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Performance Charts (Vd=4.5V, Id=52mA, Tc=25℃)
Frequency
MHz
500
880
960
1860
2140
2700
3500
Gain
dB
15.5
15.2
15.2
14.5
14.1
12.4
12
S11
dB
-19
-22
-23
-27
-26
-26
-17
S22
dB
-30
-19
-17
-13
-14
-15
-10
OIP3
dBm
27.5
27
27
26
25
24
24
P1dB
dBm
16.7
16.5
16.4
15.6
15.2
14.9
14.1
Noise Figure
dB
5.1
5.1
5.1
5.2
5.25
5.27
5.3
P1dB vs. Frequency
-40
-30
-20
-10
0
10
20
500
1000 1500 2000 2500 3000 3500
Fre q u e n c y (MHz )
0
10
20
30
40
500
1000
1500
2000 2500
3000
3500
Fr e q u e n c y (M Hz )
4
5
6
7
8
500
1000
1500
2000
2500
3000
3500
Fre q u e n c y (MHz )
5
10
15
20
25
500
1000
1500
2000 2500
3000
3500
Fr e q u e n c y (M Hz )
S-Parameter vs. Frequency
OIP3 vs. Frequency
Noise Figure vs. Frequency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com