Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP409 Datasheet(PDF) 5 Page - RFHIC

Part # AP409
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP409 Datasheet(HTML) 5 Page - RFHIC

  AP409 Datasheet HTML 1Page - RFHIC AP409 Datasheet HTML 2Page - RFHIC AP409 Datasheet HTML 3Page - RFHIC AP409 Datasheet HTML 4Page - RFHIC AP409 Datasheet HTML 5Page - RFHIC AP409 Datasheet HTML 6Page - RFHIC AP409 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M
MM
MIIC
C
A
AP
P4
40
09
9
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Performance Charts (Vd=4.8V, Id=65mA, Tc=25℃)
Frequency
MHz
500
880
960
1860
2140
2700
3500
Gain
dB
15.5
15.3
15.3
14.6
14.3
12.6
12.2
S11
dB
-19
-22
-23
-27
-26
-26
-17
S22
dB
-31
-19
-17
-13
-14
-15
-10
OIP3
dBm
30.5
30
30
30
29
28.5
28
P1dB
dBm
18.1
18
18
17.5
17.1
16.5
16
Noise Figure
dB
5.1
5.1
5.1
5.2
5.2
5.3
5.3
S-Parameter vs. Frequency
OIP3 vs. Frequency
Noise Figure vs. Frequency
P1dB vs. Frequency
-40
-30
-20
-10
0
10
20
500
1000 1500 2000 2500 3000 3500
Fr e q u e n c y (M Hz )
0
10
20
30
40
500
1000
1500
2000
2500
3000
3500
Fr e q u e n c y (M Hz )
4
5
6
7
8
500
1000
1500
2000
2500
3000
3500
Fr e q u e n c y (MHz )
5
10
15
20
25
500
1000
1500
2000 2500
3000
3500
Fre q u e n c y (M Hz )
Noise Figure vs. Frequency
P1dB vs. Frequency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com