Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP409 Datasheet(PDF) 3 Page - RFHIC

Part # AP409
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP409 Datasheet(HTML) 3 Page - RFHIC

  AP409 Datasheet HTML 1Page - RFHIC AP409 Datasheet HTML 2Page - RFHIC AP409 Datasheet HTML 3Page - RFHIC AP409 Datasheet HTML 4Page - RFHIC AP409 Datasheet HTML 5Page - RFHIC AP409 Datasheet HTML 6Page - RFHIC AP409 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M
MM
MIIC
C
A
AP
P4
40
09
9
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Block Diagram
Application Circuit
Recommended Component Values
70MHz
500MHz-3000MHz
L1
560nH
100nH
C1,C2,C3
0.1uF
1000pF
C4
1000pF
0.1uF
C5
4.7uF/16V
4.7uF/16V
Recommended Bias Resistor Values
Vsupply
Rbias(5V)
Rbias(4.8V)
Rbias(4.5V)
6V
14
18
28
7V
28
33
48
8V
42
49
67
9V
57
64
86
RF Input
RF Output
+5V
0
L=3mm
L=5mm
Z=50
Z=50
C1
C2
L1
C3 C4 C5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com