Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7108 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI7108
Description  Advanced HD AVC decoder with 3D graphics acceleration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7108 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STI7108 Datasheet HTML 2Page - STMicroelectronics STI7108 Datasheet HTML 3Page - STMicroelectronics STI7108 Datasheet HTML 4Page - STMicroelectronics STI7108 Datasheet HTML 5Page - STMicroelectronics STI7108 Datasheet HTML 6Page - STMicroelectronics STI7108 Datasheet HTML 7Page - STMicroelectronics STI7108 Datasheet HTML 8Page - STMicroelectronics STI7108 Datasheet HTML 9Page - STMicroelectronics STI7108 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Introduction
STi7108
6/12
Doc ID 16790 Rev 1
Memory interfaces
●
Parallel external memory and peripheral interface (EMI):
–
16-bit data bus, five banks, addressing up to 64 MB per bank. 256 Mbytes total
EMI address range
–
Interface to Parallel NOR Flash, SLC NAND Flash, SRAM, and 8-,16-bit
Peripherals
–
Secure boot from NOR or NAND Flash
–
Supports ATAPI, DVB-CI and CI-Plus host interface protocols
●
High speed SPI interface:
–
Secure boot from Serial Flash
–
Post boot read/write of Serial Flash
–
Supports standard SPI, dual and quad I/O protocols
●
Dual -16, 32-bit DDR2/DDR3 local memory interfaces (LMIs), each up to 533 MHz
(DDR2/3-1066)
Connectivity
●
Triple USB 2.0 Host interfaces including PHYs
●
Two e-SATA HDD interfaces
●
32-bit, 33 MHz, PCI interface, shared on EMI with access interleaving possible
●
Two integrated Ethernet GMACs. Each supports: wake-on-LAN, multiple hardware
address filters, 10/100 MII/RMII, Turbo-MII up to 300 Mbits/sec and GMII up to
1000 Mbits/sec.
●
8-bit, 52 MHz, SD-MMC/SDIO interface for memory cards and eMMC:
–
V4.3 for eMMC flash support
–
SD HC V2.0 PART A2
●
Soft modem support: integrated MAFE: integrated system side DAA. (Si-Labs)
Transport and security
●
Front end transport stream pre-processor (STFE):
–
PID filtering and transport stream merging
–
Six external TS inputs
–
Four internal TS paths from memory
–
TS I/O routing for DVB-CI/CI-Plus, TS I/O routing for MultiStream CableCard with
stream merging/demerging
–
Aggregate TS processing > 480 Mbits/sec live input rate
●
Transport stream processor with security co-processor (STBE)
–
Multi-stream transport stream de-multiplexing from any source (Broadcast, IP
Network, DVR)
–
Section filtering and clock recovery
–
Supports CA vendors’ latest advanced security specifications
–
DVB/DES/TDES/AES/Multi-2/ICAM2.2 descrambling
–
ATIS-IIF and CI-Plus descrambling
–
Multi-stream AES/TDES encryption/decryption for local copy protection or network
DRM schemes including SVP, DTCP-IP, WMDRM, DVB-CPCM, DivX, Marlin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com