Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7108 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STI7108
Description  Advanced HD AVC decoder with 3D graphics acceleration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7108 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STI7108 Datasheet HTML 3Page - STMicroelectronics STI7108 Datasheet HTML 4Page - STMicroelectronics STI7108 Datasheet HTML 5Page - STMicroelectronics STI7108 Datasheet HTML 6Page - STMicroelectronics STI7108 Datasheet HTML 7Page - STMicroelectronics STI7108 Datasheet HTML 8Page - STMicroelectronics STI7108 Datasheet HTML 9Page - STMicroelectronics STI7108 Datasheet HTML 10Page - STMicroelectronics STI7108 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STi7108
Introduction
Doc ID 16790 Rev 1
7/12
DVR support
●
DVR supported with HDD attachment through e-SATA or USB
●
Server application supported: Multi-Stream DVR recording and playback for viewing
locally (with time-shift), concurrently with playback to multiple clients
●
Time-shift supported without HDD attached using stream buffering in NAND Flash
attached directly through EMI or USB, SATA, SD-MMC card or e-MMC
STB peripherals, system services, package
●
Two smartcards, four UARTs, seven SSC/I²C, 27 × 8 GPIO banks with alternate
functions, IR Tx/Rx, UHF Rx/SCD, PWM, ILC, 4×4 key matrix scanner
●
All required clocks generated on chip from PLLs and frequency synthesizers
●
Reset controller, watchdog timers, real-time clock (RTC) and protected JTAG/DCU port
●
Passive standby mode for lowest power consumption, and dynamic power
management architecture to optimize power efficiency of active standby modes
●
Package - PBGA 35×35 864 balls, 1.0 mm ball pitch, 0.5 mm ball diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com