Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7108 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI7108
Description  Advanced HD AVC decoder with 3D graphics acceleration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7108 Datasheet(HTML) 1 Page - STMicroelectronics

  STI7108 Datasheet HTML 1Page - STMicroelectronics STI7108 Datasheet HTML 2Page - STMicroelectronics STI7108 Datasheet HTML 3Page - STMicroelectronics STI7108 Datasheet HTML 4Page - STMicroelectronics STI7108 Datasheet HTML 5Page - STMicroelectronics STI7108 Datasheet HTML 6Page - STMicroelectronics STI7108 Datasheet HTML 7Page - STMicroelectronics STI7108 Datasheet HTML 8Page - STMicroelectronics STI7108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2009
Doc ID 16790 Rev 1
1/12
12
STi7108
Advanced HD AVC decoder with 3D graphics acceleration
Features
■ Open GL ES 2.0/Open VG 1.1 compatible 3D
graphics GPU for enhanced EPGs/UIs
■ Dual HD (1080i/720p) video decode for PIP or
mosaic support
■ 1080p50, 1080p60 video decoding
■ High-performance ST40-300 500 MHz
applications CPU with Level 2 cache
■ High-performance ST40-300 500 MHz
real-time CPU
■ Dual eSATA ports
■ Triple USB 2.0 host ports
■ Dual 16-bit/32-bit LMI supporting DDR2/DDR3
■ Dual Ethernet GMAC
■ Low power process and design with dynamic
power management architecture
Description
STi7108 is the next generation of HD, AVC set-top
box decoder for satellite, cable, terrestrial and
IP-STB markets.
The STi7108 provides a solution for operators to
specify a range of high-performance, MPEG2 /
H.264 / VC-1 STBs.
The STi7108 can be used with Zappers, IP
clients, DVR standalone, and DVR server/home
network STBs, especially where true 3D graphics
is required.
Content delivery is possible using broadcast or
broadband networks, or both (hybrid STBs).
The STi7108 is also targeted at next generation
DLNA compatible Blu-ray (BD) and HD Media
players.
JTAG
STB peripherals I/O
Digital video HD/SD in/out
Resets
Analog out
Clocks
Modes
PCM I/O
S/PDIF out
External interrupts
Peripherals
Smartcard
Connectivity
Transport
Security
STFE
STBE
Video planes
Graphic planes
Cursor plane
Main VDP
DEI, IQI
DVO
Denc
Teletext
DACs
Analog video HD/SD out
Audio I/O
Display
HDMI 1.3
Video I/O
Transport streams
Parallel/serial in/out
Audio decoder
ST231 CPU
Video decoder
EMI
PCI
SPI
System
interfaces
Aux VDP
CPU/FPU
MMU
Interrupts
I cache
D cache
Timer
Dual
Debug
STBus
PCM Players
PCM Reader
DACs
Flash, SFlash
500 MHz
ST40-300
Bdisp blitter
Dual LMI
MSCC
MCHI
ST231 CPU
Delta Mu
3D graphics
Tile SRAM
Capture
VTGs
DVP
HDCP
Dual eSATA
Dual Ethernet
DAA
SD-MMC/SDIO
Triple USB
Key scan
Clock Gen
System serv
Triple FDMA
L2 cache
Low power
NOR, NAND
Serial Flash
PCI peripherals
DDR2/DDR3
processing unit
SSC
UART
MAFE
PWM
GPIOs
IR/UHF
Application
Co-processor
ST231 CPU
www.st.com


Similar Part No. - STI7108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
Advanced HD AVC decoder with 3D graphics acceleration and MoCA
16-Mar-2011
More results

Similar Description - STI7108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
CD GRAPHICS DECODER
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
CD Graphics Decoder
logo
Cirrus Logic
CL-GD546X CIRRUS-CL-GD546X Datasheet
108Kb / 3P
64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
logo
Broadcom Corporation.
BCM7411 BOARDCOM-BCM7411 Datasheet
129Kb / 2P
AVC/MPEG HIGH-DEFINITION DECODER
logo
STMicroelectronics
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
Advanced HD decoder
29-Oct-2009
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
Advanced HD AVC decoder with 3D graphics acceleration and MoCA
16-Mar-2011
STIH205 STMICROELECTRONICS-STIH205 Datasheet
82Kb / 4P
Advanced HD AVC processor with integrated low power standby controller
30-Aug-2012
STIH207 STMICROELECTRONICS-STIH207 Datasheet
81Kb / 4P
Advanced dual HD AVC processor with integrated low power standby controller
24-Oct-2011
STIH416 STMICROELECTRONICS-STIH416 Datasheet
304Kb / 4P
Advanced HD AVC processor with 3D graphics acceleration and ARM Cortex-A9 SMP CPU
03-Jan-2012
logo
Axiomtek Co., Ltd.
AX12600 AXIOMTEK-AX12600 Datasheet
138Kb / 1P
Direct 3D Acceleration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com