Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7108 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI7108
Description  Advanced HD AVC decoder with 3D graphics acceleration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7108 Datasheet(HTML) 2 Page - STMicroelectronics

  STI7108 Datasheet HTML 1Page - STMicroelectronics STI7108 Datasheet HTML 2Page - STMicroelectronics STI7108 Datasheet HTML 3Page - STMicroelectronics STI7108 Datasheet HTML 4Page - STMicroelectronics STI7108 Datasheet HTML 5Page - STMicroelectronics STI7108 Datasheet HTML 6Page - STMicroelectronics STI7108 Datasheet HTML 7Page - STMicroelectronics STI7108 Datasheet HTML 8Page - STMicroelectronics STI7108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Introduction
STi7108
2/12
Doc ID 16790 Rev 1
1
Introduction
The STi7108 integrates in a single IC, multi-stream transport demultiplexing, an applications
CPU, a real-time CPU, A/V decode, video processing, true 3D graphics and display,
advanced security, STB peripherals, audio/video DACs, digital A/V outputs, HDMI,
dual eSATA ports, triple USB ports, dual Ethernet controllers (GbE capable) and an
SDIO/SD-MMC card controller.
Features
Benefits
ST40 applications CPU, ST40 real-time CPU, ST231
applications co-processor. Each CPU has 32KI and 32K L1
caches with 256K L2 cache for the ST40 applications CPU.
The high performance ST40 CPU for applications and
middleware, is enhanced by a real-time companion ST40. The
real-time ST40 off loads a/v management and network protocols.
The applications CPU is complemented by a co-processor, for
multimedia processing and security/DRM in home networks. Each
ST40 delivers over 900DMIPs, which together with the ST231,
offers an unparalleled 2500DMIPs of CPU performance from a
single STB SoC.
Integrated graphics processing unit (GPU). Programmable
Vertex (geometry) processor and fragment (pixel) processor,
accelerated four times full scene anti-aliasing (4 × FSAA).
True 3D graphics and 2D vector graphics acceleration, optimized
for HD consumer digital video applications. Compatible with the
latest Open GL ES 1.1/2.0 and OpenVG 1.1 libraries, for best-in-
class 3D graphics effects/games, font rendering and Adobe Flash
support. Open GL ES 2.x ready. Decoded HD video can be used
as textures for visually enhanced, video rich navigation guides
and user interfaces.
Latest generation of ST's Delta video decoder with an ST231-
based multi-codec capable controller coupled with a High
Quality Video Display Pipeline. (HQVDP).
Decoding of advanced high definition standards for broadcast
(MPEG2, H264, VC-1, AVS) plus the performance and flexibility
for web-based content decoding such as Flash, DivX, MJPEG
and Real. New capabilities such as, Dual H264 HP@L4.1
decoding for HD PIP, and video-video transition effects, decoding
of H264 HP@L4.2 (1080p50, 1080p60 decoding) and premium
rescaling techniques open the way for high quality viewing of
enhanced HD services on the latest generation of TVs.
Latest generation transport/security subsystem, with
enhanced performance for DVR client/server-based home
networks.
Multi-stream transport demultiplexing, descrambling and
section/data filtering. Up to 6 live TS inputs supported by an
aggregate input rate > 480 Mbits/sec.
Decryption/encryption/transcription supported for all the major
conditional access systems, local content protection, and DRM
security schemes.
Triple USB 2.0 hosts, dual e-SATA , Dual Ethernet MAC with
MII/RMII/TMII/GMII interfaces, PCI, SD-MMC/SDIO interface.
Extensive high speed connectivity for the widest range of STB
peripherals, such as Flash drives, external HDDs, Gigabit
Ethernet, home network controllers (eg MoCA, Wifi), DOCSIS
modem and memory cards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com