Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32TS60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32TS60
Description  Multitouch screen controller device using a digital resistive touchpanel with I짼C, SPI, UART and USB interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32TS60 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32TS60 Datasheet HTML 1Page - STMicroelectronics STM32TS60 Datasheet HTML 2Page - STMicroelectronics STM32TS60 Datasheet HTML 3Page - STMicroelectronics STM32TS60 Datasheet HTML 4Page - STMicroelectronics STM32TS60 Datasheet HTML 5Page - STMicroelectronics STM32TS60 Datasheet HTML 6Page - STMicroelectronics STM32TS60 Datasheet HTML 7Page - STMicroelectronics STM32TS60 Datasheet HTML 8Page - STMicroelectronics STM32TS60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2009
Doc ID 16925 Rev 1
1/18
1
STM32TS60
Multitouch screen controller device using a digital resistive
touchpanel with I²C, SPI, UART and USB interfaces
Features
■ Patented digital resistive multitouchpanel
technology powered by PmatrixTM firmware
engine
■ Able to track up to 10 independent touches
simultaneously
■ Finger, nail and any stylus touch capability
■ Up to 0.17 mm resolution
■ Touch actuation force information
■ No calibration requirements
■ Typical touchpanel scan rate of 125 Hz up to
250 Hz
■ Single- or dual-chip architecture able to
support up to 10.1” screens
■ Single-chip controller able to support up to 129
rows/columns coming from the sensor matrix.
■ Embedded compensation resistors for reduced
BOM and easy connection to the touchpanel
■ I2C, SPI, UART and USB communication
interfaces
■ Very low power mode allowing “wakeup on
touch/release” mode
■ Wakeup response time: 10 µs from Sleep
mode and 100 µs from Standby mode
Applications
■ Gaming devices
■ Mobile handsets
■ Smart phones
■ Portable media players
■ Personal navigation devices
■ Mobile internet devices
■ Netbooks
UFBGA144
(7 x 7 mm)
FBGA
Table 1.
STM32TS60 device summary
Feature
Description
Touchpanel size
2.5" to 6” (single device) / 6" to 10.1” (dual device) / 10.4” to 15.4” (quad device)
Columns, rows
Up to 129 rows and columns with a maximum of 64 rows and 81 columns
(see main configurations in Figure 2)
Interface
I²C, SPI, UART and USB
Supply voltage range
2.4 to 3.6 V
Max. temperature range
-40 °C to +85 °C
Package
UFBGA 144 (7 x 7 mm, 0.5 pitch)
ECOPACK® package
www.st.com


Similar Part No. - STM32TS60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32 Datasheet
174Kb / 4P
STLINK-V3SET debugger/programmer for STM8 and STM32
06-Sep-2018
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
STM32 development boards
STM32 STMICROELECTRONICS-STM32 Datasheet
140Kb / 6P
Leading-edge architecture with Cortex-M3 core
12-Dec-2014
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - STM32TS60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
Resistive Touch Screen Controller
2009
AR1100 MICROCHIP-AR1100 Datasheet
2Mb / 58P
AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
logo
Semtech Corporation
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
SEC1110 MICROCHIP-SEC1110 Datasheet
2Mb / 218P
Smart Card Bridge to USB and UART Interfaces
06/23/16
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Future Technology Devic...
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com