Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32TS60 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32TS60
Description  Multitouch screen controller device using a digital resistive touchpanel with I짼C, SPI, UART and USB interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32TS60 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32TS60 Datasheet HTML 10Page - STMicroelectronics STM32TS60 Datasheet HTML 11Page - STMicroelectronics STM32TS60 Datasheet HTML 12Page - STMicroelectronics STM32TS60 Datasheet HTML 13Page - STMicroelectronics STM32TS60 Datasheet HTML 14Page - STMicroelectronics STM32TS60 Datasheet HTML 15Page - STMicroelectronics STM32TS60 Datasheet HTML 16Page - STMicroelectronics STM32TS60 Datasheet HTML 17Page - STMicroelectronics STM32TS60 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application diagrams
STM32TS60
14/18
Doc ID 16925 Rev 1
Figure 3.
Dual-device typical application schematic for 6” to 10.1” panels
SWDIO
SWCLK
OSC_IN
OSC_OUT
VDD1
VDD2
VSS1
VSS2
BOOT0
VDD
C3
C4
USB
SPI, I2C or UART
HOST CONTROLLER
R6
R4
R3
R2
R5
X1
C1
C2
TOUCHPANEL
6” ~ 10.1”
C5
C6
R1
DEV
TOOLS
VDD1
VDD2
VSS1
VSS2
BOOT0
C3’
C4’
C5’
DEV
TOOLS
Sub-panel
Sub-panel
#1
#2
STM32TS60
“MASTER”
STM32TS60
“SLAVE”
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com