Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32TS60 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32TS60
Description  Multitouch screen controller device using a digital resistive touchpanel with I짼C, SPI, UART and USB interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32TS60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32TS60 Datasheet HTML 9Page - STMicroelectronics STM32TS60 Datasheet HTML 10Page - STMicroelectronics STM32TS60 Datasheet HTML 11Page - STMicroelectronics STM32TS60 Datasheet HTML 12Page - STMicroelectronics STM32TS60 Datasheet HTML 13Page - STMicroelectronics STM32TS60 Datasheet HTML 14Page - STMicroelectronics STM32TS60 Datasheet HTML 15Page - STMicroelectronics STM32TS60 Datasheet HTML 16Page - STMicroelectronics STM32TS60 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STM32TS60
Application diagrams
Doc ID 16925 Rev 1
13/18
3
Application diagrams
Figure 2.
Single-device typical application schematic for 2.5” to 6” panels
Table 3.
Single-device typical application passive component list
Ref.
Typ.
Value
Comment
Ref.
Typ.
value
Comment
C1,C2
18 pF For USB interface only
C3,C4
100 nF Decoupling capacitors
X1
16 MHz For USB interface only
C5
1 µF Filtering capacitors
R1
(1)
1.
Value depends on resonator or crystal RS resistance.
For USB interface only
C6
10 nF Reset filter
R2
10 K
Ω
R5
1.5 K
Ω For USB interface only
R3,R4
4.7 K
Ω For I2C interface only
R6
10 K
Ω Reset filter
SWDIO
SWCLK
OSC_IN
OSC_OUT
VDD1
VDD2
VSS1
VSS2
BOOT0
VDD
C3
C4
USB
SPI, I2C or UART
HOST CONTROLLER
R6
R4
R3
R2
R5
X1
C1
C2
TOUCHPANEL
2.5” ~ 6”
C5
C6
R1
DEV
TOOLS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com